Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08CF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DAC08CF
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08CF Datasheet(HTML) 2 Page - NXP Semiconductors

  DAC08CF Datasheet HTML 1Page - NXP Semiconductors DAC08CF Datasheet HTML 2Page - NXP Semiconductors DAC08CF Datasheet HTML 3Page - NXP Semiconductors DAC08CF Datasheet HTML 4Page - NXP Semiconductors DAC08CF Datasheet HTML 5Page - NXP Semiconductors DAC08CF Datasheet HTML 6Page - NXP Semiconductors DAC08CF Datasheet HTML 7Page - NXP Semiconductors DAC08CF Datasheet HTML 8Page - NXP Semiconductors DAC08CF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
August 31, 1994
717
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
-55
°C to +125°C
DAC08F
0582B
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
-55
°C to +125°C
DAC08AF
0582B
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08CN
0406C
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
DAC08CF
0582B
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08EN
0406C
16-Pin Hermetic Ceramic Dual In-Line Package (Cerdip)
0 to +70
°C
DAC08EF
0582B
16-Pin Plastic Small Outline (SO) Package
0 to +70
°C
DAC08ED
0005D
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
DAC08HN
0406C
BLOCK DIAGRAM
BIAS
NETWORK
CURRENT
SWITCHES
MSB
LSB
V+
13
1
5
6
7
8
9
10
11
12
14
15
16
3
4
2
COMP.
V–
REFERENCE
AMPLIFIER
VREF(+)
VREF(–)
B1
VLC
B2
B3
B4
B5
B6
B7
B8
IOUT
+
IOUT
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
V+ to V-
Power supply voltage
36
V
V5-V12
Digital input voltage
V- to V- plus 36V
VLC
Logic threshold control
V- to V+
V0
Applied output voltage
V- to +18
V
I14
Reference current
5.0
mA
V14, V15
Reference amplifier inputs
VEE to VCC
PD
Maximum power dissipation TA=25°C
(still-air)1
F package
1190
mW
N package
1450
mW
D package
1090
mW
TSOLD
Lead soldering temperature (10sec max)
300
°C
TA
Operating temperature range
DAC08, DAC08A
-55 to +125
°C
DAC08C, E, H
0 to +70
°C
TSTG
Storage temperature range
-65 to +150
°C
NOTES:
1. Derate above 25
°C, at the following rates:
F package at 9.5mW/
°C
N package at 11.6mW/
°C
D package at 8.7mW/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com