Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3206BB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # CD3206BB
Description  9-bit latched/registered/pass-thru Futurebus transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3206BB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button CD3206BB Datasheet HTML 4Page - NXP Semiconductors CD3206BB Datasheet HTML 5Page - NXP Semiconductors CD3206BB Datasheet HTML 6Page - NXP Semiconductors CD3206BB Datasheet HTML 7Page - NXP Semiconductors CD3206BB Datasheet HTML 8Page - NXP Semiconductors CD3206BB Datasheet HTML 9Page - NXP Semiconductors CD3206BB Datasheet HTML 10Page - NXP Semiconductors CD3206BB Datasheet HTML 11Page - NXP Semiconductors CD3206BB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
FB2031
9-bit latched/registered/pass-thru Futurebus+ transceiver
1995 May 25
8
DC ELECTRICAL CHARACTERISTICS (Commercial)
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
IOH
High level output current
B0 – B8
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 1.9V
100
µA
IOFF
Power-off output current
B0 – B8
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 1.9V
100
µA
VO
High level output voltage
A0
A8 4
VCC = MIN, VIL = MAX, VIH = MIN, IOH = -24mA
2.0
V
VOH
High-level output voltage
A0 – A8 4
VCC = MIN, VIL = MAX, VIH = MIN, IOH = -3mA
2.5
2.85
V
A0 – A8 4
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 24mA
0.5
VO
Low level output voltage
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 80mA
.75
1.0
1.1
V
VOL
Low-level output voltage
B0 – B8
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 100mA
1.15
V
VCC = MIN, VIL = MAX, VIH = MIN, IOL = 4mA
0.5
Control pins
VCC = MIN, II = IIK
-0.5
VIK
Input clamp voltage
A0 – A8
B0 – Bn
VCC = MIN, II = -18mA
-1.2
V
II
Input current at maximum
input voltage
Except
B0–B8
VCC = MAX, VI = 0.0V or 5.5V
±50
µA
I
Hi h l
l i
t
t
Except
B0–B8
VCC = MAX, VI = 2.7V
20
µA
IIH
High-level input current
B0
B8
VCC = MAX, VI = 1.9V
100
µA
B0 – B8
VCC = MAX, VI = 3.5V 5
100
mA
IIL
Low-level input current
Except
B0–B8
VCC = MAX, VI = 0.5V
-20
µA
IL
B0 – B8
VCC = MAX, VI = 0.75V
-100
µ
IIH + IOZH Off-state I/O High current
A0 – A8
VCC = MAX, VO = 2.7V
50
µA
IIL + IOZL Off-state I/O Low current
A0 – A8
VCC = MAX, VO = 0.5V
-50
µA
IOS
Short-circuit output
current 3
A0 – A8
only
VCC = MAX, VO = 0.0V
-45
-150
mA
An to Bn
VCC = MAX, outputs Low or High
17
30
Bn to An
VCC = MAX, outputs Low
50
78
ICC
Supply current (total)
Bn to An
VCC = MAX, outputs High
25
45
mA
ICCZ
VCC = MAX, outputs 3-State
28
50
Worst case
VCC = MAX, all A and B outputs on
50
78
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operation conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are VIH = 1.8V and VIL = 1.3V for the B side.
5. For B port input voltage between 3 and 5 volts IIH will be greater than 100µA, but the parts will continue to function normally.
6. B0 – B8 clamps remain active for a minimum of 80ns following a High-to-Low transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com