Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3206BB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CD3206BB
Description  9-bit latched/registered/pass-thru Futurebus transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3206BB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CD3206BB Datasheet HTML 9Page - NXP Semiconductors CD3206BB Datasheet HTML 10Page - NXP Semiconductors CD3206BB Datasheet HTML 11Page - NXP Semiconductors CD3206BB Datasheet HTML 12Page - NXP Semiconductors CD3206BB Datasheet HTML 13Page - NXP Semiconductors CD3206BB Datasheet HTML 14Page - NXP Semiconductors CD3206BB Datasheet HTML 15Page - NXP Semiconductors CD3206BB Datasheet HTML 16Page - NXP Semiconductors CD3206BB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product specification
FB2031
9-bit latched/registered/pass-thru Futurebus+ transceiver
1995 May 25
13
AC SETUP REQUIREMENTS (Commercial)
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
Tamb = +25°C, VCC = 5V,
Tamb = 0 to +70°C,
VCC = 5V±10%,
UNIT
CL = 50pF (A side) / CD = 30pF (B side)
RL = 500Ω (A side) / RU = 16.5Ω (B side)
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time
An to LCAB
Waveform 4
1.0
1.0
1.5
1.0
ns
th(H)
th(L)
Hold time
An to LCAB
Waveform 4
1.0
1.0
2.0
1.0
ns
ts(H)
ts(L)
Setup time
Bn to LCBA
Waveform 4
2.0
2.0
3.0
3.0
ns
th(H)
th(L)
Hold time
Bn to LCBA
Waveform 4
0.0
0.0
0.0
0.0
ns
tw(H)
tw(L)
Pulse width, High or Low
LCAB or LCBA
Waveform 4
3.0
3.0
3.0
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com