Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3207 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # CD3207
Description  7-bit Futurebus transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3207 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button CD3207 Datasheet HTML 6Page - NXP Semiconductors CD3207 Datasheet HTML 7Page - NXP Semiconductors CD3207 Datasheet HTML 8Page - NXP Semiconductors CD3207 Datasheet HTML 9Page - NXP Semiconductors CD3207 Datasheet HTML 10Page - NXP Semiconductors CD3207 Datasheet HTML 11Page - NXP Semiconductors CD3207 Datasheet HTML 12Page - NXP Semiconductors CD3207 Datasheet HTML 13Page - NXP Semiconductors CD3207 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
1995 May 25
10
AC WAVEFORMS
NOTE: VM = 1.55V for Bn, VM = 1.5V for all others.
AIn, Bn or Bn
OEBn
AOn or Bn
VM
VM
VM
VM
tPLH
tPHL
Waveform 1. Propagation Delay for Data
or Output Enable to Output
VM
VM
VM
VM
tPHL
tPLH
AOn, Bn
Waveform 2. Propagation Delay for Data
or Output Enable to Output
AIn, Bn
OEB0
AIn, Bn
AOn, Bn
VM
VM
tSK(o)
Waveform 3. Output Skews
AOn
OEA
VM
VM
VM
VOH -0.3V
OV
tPHZ
tPZH
Waveform 4. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
tPZL
AOn
OEAn
VM
VM
tPLZ
VM
VOL +0.3V
Waveform 5. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
SG00079



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com