Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3207 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CD3207
Description  7-bit Futurebus transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CD3207 Datasheet(HTML) 2 Page - NXP Semiconductors

  CD3207 Datasheet HTML 1Page - NXP Semiconductors CD3207 Datasheet HTML 2Page - NXP Semiconductors CD3207 Datasheet HTML 3Page - NXP Semiconductors CD3207 Datasheet HTML 4Page - NXP Semiconductors CD3207 Datasheet HTML 5Page - NXP Semiconductors CD3207 Datasheet HTML 6Page - NXP Semiconductors CD3207 Datasheet HTML 7Page - NXP Semiconductors CD3207 Datasheet HTML 8Page - NXP Semiconductors CD3207 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
FB2041
7-bit Futurebus+ transceiver
2
1995 May 25
853-1561 15279
DESCRIPTION
The FB2041 is a 7-bit bidirectional BTL transceiver and is intended
to provide the electrical interface to a high performance wired-OR
bus. The FB2041 is an inverting transceiver.
The B-port drivers are Low-capacitance open collectors with
controlled ramp and are designed to sink 100mA. Precision band
gap references on the B-port insure very good noise margins by
limiting the switching threshold to a narrow region centered at 1.55V.
FEATURES
• 7-bit BTL transceiver
• Separate I/O on TTL A-port
• Inverting
• Three separate pairs of driver enables in a 1 bit, 3 bit, 3 bit
arrangement
• Drives heavily loaded backplanes with equivalent load
impedances down to 10
Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces
power consumption
• Built-in precision band-gap reference provides accurate receiver
thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground
bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low I
CC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flatpack
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYPICAL
UNIT
tPLH
Propagation delay
3.7
ns
tPHL
AIn to Bn
2.7
ns
tPLH
Propagation delay
3.4
ns
tPHL
Bn to AOn
3.2
ns
COB
Output capacitance (B0 - B6 only)
6
pF
IOL
Output current (B0 - B6 only)
100
mA
Standby
19
ICC
Supply Current
AIn to Bn (outputs Low or High)
40
mA
ICC
Supply Current
Bn to AOn (outputs Low)
22
mA
Bn to AOn (outputs High)
19
ORDERING INFORMATION
PACKAGE
COMMERCIAL RANGE
VCC = 5V±10%; Tamb = 0 to +70°C
INDUSTRIAL RANGE
VCC = 5V±10%; Tamb = -40 to +85°C
DWG
No.
52-pin Plastic Quad Flatpack
FB2041BB
CD3207BB
SOT379-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com