Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC33CDQ Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # LC33CDQ
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LC33CDQ Datasheet(HTML) 4 Page - UN Semiconducctor INC

  LC33CDQ Datasheet HTML 1Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 2Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 3Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 4Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision March 1,2022
www.unsemi.com.tw
Transient Voltage Suppressors for ESD Protection
ROHS
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/4
SOT-23 Package Outline & Dimensions
Ordering Information
LC33CDQ
Device
Package
Quantity
Reel Size
SOT-23
Marking
R03
3,000pcs/Reel
7 inch
LC33CDQ
Symbol
X
X1
Y
Z
0.80
0.96
0.90
2.40
Inches
0.031
0.037
0.035
0.096
Millimeters
Soldering Footprint
Symbol
Min.
Max.
Inches
Millimeters
A
A1
b
C
D
E
e
L
HE
1.05
0.01
0.30
0.09
2.80
1.50
1.78
0.35
2.65
1.25
0.10
0.50
0.20
3.04
1.70
2.04
0.69
2.95
Nom.
1.11
0.06
0.44
0.13
2.90
1.60
1.90
0.54
2.80
Min.
Max.
0.042
0.001
0.012
0.003
0.110
0.059
0.070
0.014
0.104
0.050
0.004
0.020
0.008
0.120
0.067
0.081
0.027
0.116
Nom.
0.044
0.002
0.018
0.005
0.114
0.051
0.075
0.021
0.112



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com