Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC33CDQ Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # LC33CDQ
Description  Transient Voltage Suppressors for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

LC33CDQ Datasheet(HTML) 1 Page - UN Semiconducctor INC

  LC33CDQ Datasheet HTML 1Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 2Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 3Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 4Page - UN Semiconducctor INC LC33CDQ Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The LC33CDQ is low capacitance TVS diode designed to protect voltage
sensitive components from ESD and transient voltage events. Excellent
clamping capability, low leakage, and fast response time, make these parts
ideal for ESD protection on designs where board space is at a premium.
LC33CDQ
Mechanical Characteristics
Feature
Description
Applications
ROHS
Revision March 1,2022
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/4
Mechanical Data
JEDEC SOT-23 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 8.0 Milligrams (Approximate)
Lead Finish : Lead Free
40 Watts Peak Pulse Power per Line (tp=8/20μs)
Protects two unidirectional I/O lines
Low clamping voltage
Low leakage current
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-5 (LIGHTING) 4A(8/20μs)
IEC61000-4-4 (EFT) 40A (5/50ηs)
Functional Diagram
Color LCD Protection
Industrial Equipment
Digital Visual Interface
Cellular Handsets & Accessories
Central Office Equipment
MDDI Ports
CCTV Cameras
LVDS Interfaces
Transient Voltage Suppressors for ESD Protection
Parameter
Symbol
Value
Units
Peak Pulse Power (Tp=8/20μs waveform)
Lead Soldering Temperature
Storage Temperature Range
Operating Junction Temperature Range
Ppp
TL
TSTG
TJ
40
260 (10 sec.)
-55 to +150
-40 to +125
Watts
°C
°C
°C


Similar Part No. - LC33CDQ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC33CW2 LEIDITECH-LC33CW2 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - LC33CDQ

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com