Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS8200 Datasheet(PDF) 1 Page - NETAPP

Part # FAS8200
Description  NetApp FAS8200 Hybrid Flash System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETAPP [NETAPP]
Direct Link  https://www.netapp.com/
Logo NETAPP - NETAPP

FAS8200 Datasheet(HTML) 1 Page - NETAPP

  FAS8200 Datasheet HTML 1Page - NETAPP FAS8200 Datasheet HTML 2Page - NETAPP FAS8200 Datasheet HTML 3Page - NETAPP FAS8200 Datasheet HTML 4Page - NETAPP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Datasheet
NetApp FAS8200
Hybrid Flash System
Quickly respond to changing storage needs across flash,
disk, and cloud with industry-leading data management
Key Benefits
Optimize for the Hybrid Cloud
Easily implement an IT architecture that
spans on-premises and cloud resources.
Accelerate Enterprise Applications
Reduce latency and speed operations
with up to 50% higher performance than
the previous generation.
Simplify Your Storage Environment
Run SAN and NAS workloads with unified
scale-out storage.
Maximize Uptime
Eliminate planned downtime to add,
upgrade, or retire storage with no
disruptions.
Consolidate Infrastructure
Scale up to 57PB, cluster with AFF
all-flash systems, and integrate existing
third-party storage arrays.
The Challenge
Enabling the data-driven business
As the role of technology has expanded to cover key business operations as well as
back-office functions, IT leaders have had to rethink the way they architect storage.
Traditional requirements such as storage uptime, scalability, and cost efficiency are still
critical, but so are factors such as flash acceleration, cloud integration, unified support
for SAN and NAS, and simplified data mining for competitive advantage.
Many enterprises struggle, held back by structural limitations in legacy storage and
data architectures. Traditional storage arrays might deliver on basic needs but are
divided into separate silos or are incapable of meeting advanced service requirements
and leveraging the cloud.
The Solution
Accelerate business operations with unified scale-out storage
The demands of a data-driven business require a new approach to storage with an
integrated combination of high-performance hardware and adaptive, scalable storage
software. The approach needs to support existing workloads as well as adapt and scale
quickly to address new applications and evolving IT models.
FAS8200 hybrid storage systems are engineered specifically to address these needs.
Powered by NetApp® ONTAP® data management software, the FAS8200 unifies
your SAN and NAS storage infrastructure. When FAS8200 systems are clustered
with NetApp AFF all-flash arrays and integrated with the cloud, you have the control
to easily move your data to where it’s needed for your business and place it in the
storage environment that delivers the best combination of flash performance, storage
capacity, and cost efficiency. With proven agility and data management capabilities, the
FAS8200 has the flexibility to keep up with changing business needs while delivering
on core IT requirements.
Unlock the power of flash
Flash-accelerated FAS8200 hybrid storage systems deliver up to 50% more performance
than our previous-generation FAS storage, boosting throughput, lowering latency, and
meeting stringent service levels. The base configuration of each HA pair includes 2TB of
onboard NetApp Flash Cache™ based on NVMe technology, which can be expanded up
to 4TB of integrated Flash Cache and up to 48TB of total flash per HA pair when leveraging
NetApp Flash Pool™ intelligent data caching. Hot data is automatically promoted to
flash in real time, so you get the full benefit of flash performance.


Similar Part No. - FAS8200

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FAS8200

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
1Mb / 34P
Bytes In-System Programmable Flash
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
Bytes In-System Programmable Flash
logo
Advantech Co., Ltd.
ACP-4000VS ADVANTECH-ACP-4000VS_15 Datasheet
657Kb / 3P
Industrial 4U Hybrid Intelligent Video System
AIMC-3200VS ADVANTECH-AIMC-3200VS_15 Datasheet
1Mb / 3P
Compact Size Hybrid Intelligent Video System
logo
Xilinx, Inc
XCF01S XILINX-XCF01S Datasheet
1Mb / 47P
Platform Flash In-System Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
Platform Flash In-System Programmable
XCF01S XILINX-XCF01S_09 Datasheet
1Mb / 35P
Platform Flash In-System Programmable
XCF01SVO20C XILINX-XCF01SVO20C Datasheet
369Kb / 42P
Platform Flash In-System Programmable
logo
List of Unclassifed Man...
FAS2700 ETC-FAS2700 Datasheet
383Kb / 4P
NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
E2800 ETC-E2800 Datasheet
145Kb / 4P
NetApp E2800 Series
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com