Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAS8200 Datasheet(PDF) 3 Page - NETAPP

Part # FAS8200
Description  NetApp FAS8200 Hybrid Flash System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETAPP [NETAPP]
Direct Link  https://www.netapp.com/
Logo NETAPP - NETAPP

FAS8200 Datasheet(HTML) 3 Page - NETAPP

  FAS8200 Datasheet HTML 1Page - NETAPP FAS8200 Datasheet HTML 2Page - NETAPP FAS8200 Datasheet HTML 3Page - NETAPP FAS8200 Datasheet HTML 4Page - NETAPP  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
storage efficiency, availability, and scalability of ONTAP software
to allow easy movement of data between your on-premises
FAS9000 and AWS or Azure storage environment with NetApp
SnapMirror® data replication software.
For organizations that need an enterprise-class hybrid cloud
with predictable performance and availability, the FAS8200 can
be used in a NetApp Private Storage (NPS) for Cloud solution.
With NPS for Cloud, you can directly connect to multiple clouds
using a private, high-bandwidth, low-latency connection. Connect
to industry-leading clouds such as AWS, GCP, Microsoft Azure,
or IBM Cloud and switch between them at any time, all while
maintaining complete control of your data on your dedicated,
private FAS8200.
Build the right long-term platform
When it comes to long-term storage infrastructure investments,
it’s critical to focus on flexibility for adapting to future requirements,
simplification of your storage environment, and total cost of own-
ership. FAS8200 provides a significant price/performance benefit.
Plus, it delivers industry-leading storage efficiency technologies
such as inline deduplication, inline compression, inline compaction,
thin provisioning, and space-efficient NetApp Snapshot™ copies to
reduce your cost per effective gigabyte of storage.
It is also critical to look at the security of your data environment,
With the NetApp Volume Encryption feature of ONTAP, you can
easily and efficiently protect your at-rest data by encrypting any
volume on FAS (and AFF) systems. No special encrypting disks
required. In addition, multifactor authentication increases security,
and cryptographic shredding enables GDPR compliance.
In a data-driven business, you also need the ability to leverage
data for competitive advantage and to assign resources
dynamically for more effective operations. The NetApp storage
management software portfolio is composed of a range of
products for use with the FAS8200, including automation,
integration, device-level management, and enterprise storage
resource management.
Get it right from the start by using NetApp expertise and tools
Realize the most out of your investment by engaging professional
services experts from NetApp or our Services Certified partners.
When moving data into your new environment, smooth the transition
and mitigate risks by using proven NetApp methodologies, tools,
and best practices. Learn more at netapp.com/services.
About NetApp
NetApp is the data authority for hybrid cloud. We provide a full
range of hybrid cloud data services that simplify management of
applications and data across cloud and on-premises environments
to accelerate digital transformation. Together with our partners,
we empower global organizations to unleash the full potential
of their data to expand customer touchpoints, foster greater
innovation, and optimize their operations. For more information,
visit www.netapp.com. #DataDriven
Table 1) FAS8200 technical specifications
Scale-out
FAS8200
NAS scale-out: 1–24 nodes (12 HA pairs)
Maximum drives (HDD/SSD)
5,760/5,760
Maximum raw capacity
57PB
SAN scale-out: 1–12 nodes (6 HA pairs)
Maximum drives (HDD/SSD)
2,880/2,880
Maximum raw capacity
28PB
Per HA Pair Specifications (Active-Active Dual Controller)
FAS8200
Maximum drives (HDD/SSD)
480/480
Maximum raw capacity
4800TB
Controller form factor
3U
OS version: ONTAP 9.1 RC1 and later
Shelves and media
See the Shelves and Media
page1 on NetApp.com for
current information.
Storage protocols supported
FC, FCoE, iSCSI, NFS, pNFS,
CIFS/SMB
1. netapp.com/us/products/storage-systems/disk-shelves-and-storage-media/index.aspx.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com