Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESD1LIN Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # UESD1LIN
Description  LIN- bus ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UESD1LIN Datasheet(HTML) 2 Page - UN Semiconducctor INC

  UESD1LIN Datasheet HTML 1Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 2Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 3Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
VRWM
VBR
IR
CJ
VC
Reverse Working Voltage
Reverse Breakdown Voltage
Reverse Leakage Current
Junction capacitance
Positive Clamping Voltage
UESD1LIN (15 V)
UESD1LIN (24 V)
Iτ=1mA UESD1LIN (15 V)
Iτ=1mA UESD1LIN (24 V)
VRWM=15V; T=25°C
VRWM=24V; T=25°C
VR =0V, f=1MHz;
Ipp=1.0A,Tp=8/20μs:
Ipp =5.0A,Tp=8/20μs:
Ipp=1.0A,Tp=8/20μs:
Ipp =3.0A, Tp =8/20μs:
UESD1LIN
(15 V)
UESD1LIN
(24 V)
--
--
16.7
26.7
--
--
--
--
--
--
--
--
--
18.9
27.8
--
--
1.0
--
--
--
--
15.0
24.0
20.3
31.5
1.0
1.0
--
25.0
44.0
43.0
70.0
V
V
V
V
μA
μA
pF
V
V
V
V
Characteristics
Symbol
Conditions
Typ.
Max
Unit
Min.
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
UESD1LIN
LIN- bus ESD Protection Diode
Fig2. Power Rating Derating Curve
Fig1. 8/20μs Pulse Waveform
Fig3. ESD Pulse Waveform (according to IEC61000-4-2)
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (μs)
100%
90%
10%
tr
30ns
=
Time
60ns
0
20
40
60
80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature
– T
A (ºC)
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com