Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UESD1LIN Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # UESD1LIN
Description  LIN- bus ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

UESD1LIN Datasheet(HTML) 3 Page - UN Semiconducctor INC

  UESD1LIN Datasheet HTML 1Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 2Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 3Page - UN Semiconducctor INC UESD1LIN Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision March 1,2022
www.unsemi.com.tw
LIN- bus ESD Protection Diode
ROHS
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
3/3
SOD-323 Package Outline & Dimensions
Ordering Information
UESD1LIN
Device
Marking
Package
Quantity
UL
SOD-323
3,000pcs/Reel
7 inch
UESD1LIN
Soldering Footprint
Symbol
F
G
J
K
1.60
2.85
0.83
0.63
Inches
0.063
0.112
0.033
0.025
Millimeters
Symbol
Min.
Max.
Inches
Millimeters
A
A1
A3
b
c
D
E
L
HE
0.80
0.00
0.25
0.089
1.60
1.15
0.08
2.30
0.15REF
1.00
0.10
0.40
0.177
1.80
1.35
2.70
Nom.
0.90
0.05
0.32
0.12
1.70
1.25
2.50
Min.
Max.
0.031
0.000
0.010
0.003
0.062
0.045
0.003
0.090
0.006REF
0.040
0.004
0.016
0.007
0.070
0.053
0.105
Nom.
0.035
0.002
0.012
0.005
0.066
0.049
0.098
HE
D
b
E
2
1
K
F
G
J
C
L
A1
A
A3
Reel Size



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com