Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 27Page - Texas Instruments CC1110-RTR1 Datasheet HTML 28Page - Texas Instruments CC1110-RTR1 Datasheet HTML 29Page - Texas Instruments CC1110-RTR1 Datasheet HTML 30Page - Texas Instruments CC1110-RTR1 Datasheet HTML 31Page - Texas Instruments CC1110-RTR1 Datasheet HTML 32Page - Texas Instruments CC1110-RTR1 Datasheet HTML 33Page - Texas Instruments CC1110-RTR1 Datasheet HTML 34Page - Texas Instruments CC1110-RTR1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 31 of 202
Component
Value at 315 MHz
Value at 433 MHz
Value at 868/915 MHz
C301
100 nF±10%, 0402 X5R
C201, C211
27 pF±5%, 0402 NP0
C231, C241
6.8 pF±0.5pF, 0402 NP0
3.9 pF±0.25 pF, 0402 NP0
2.2 pF±0.25 pF, 0402 NP0
C232
12 pF±5%, 0402 NP0
8.2 pF±0.5 pF, 0402 NP0
3.9 pF±0.25 pF, 0402 NP0
C233
6.8 pF±0.5 pF, 0402 NP0
5.6 pF±0.5 pF, 0402 NP0
3.3 pF±0.25 pF, 0402 NP0
C234, C235
220 pF±5%, 0402 NP0
220 pF±5%, 0402 NP0
100 pF±5%, 0402 NP0
L231, L233,
L241
33 nH±5%, 0402 monolithic
27 nH±5%, 0402 monolithic
12 nH±5%, 0402 monolithic
L232
18 nH±5%, 0402 monolithic
22 nH±5%, 0402 monolithic
5.6 nH±0.3nH, 0402 monolithic
R271
56 kΩ±1%, 0402
X1
26.0 MHz surface mount crystal
Table 24: Bill Of Materials for the CC1110 application circuit (subject to changes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com