Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 24 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 20Page - Texas Instruments CC1110-RTR1 Datasheet HTML 21Page - Texas Instruments CC1110-RTR1 Datasheet HTML 22Page - Texas Instruments CC1110-RTR1 Datasheet HTML 23Page - Texas Instruments CC1110-RTR1 Datasheet HTML 24Page - Texas Instruments CC1110-RTR1 Datasheet HTML 25Page - Texas Instruments CC1110-RTR1 Datasheet HTML 26Page - Texas Instruments CC1110-RTR1 Datasheet HTML 27Page - Texas Instruments CC1110-RTR1 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 24 of 202
Pin
Pin name
Pin type
Description
-
GND
Ground
The exposed die attach pad must be connected to a solid ground plane
1
P1_2
D I/O
Port 1.2
2
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
3
P1_1
D I/O
Port 1.1
4
P1_0
D I/O
Port 1.0
5
P0_0
D I/O
Port 0.0
6
P0_1
D I/O
Port 0.1
7
P0_2
D I/O
Port 0.2
8
P0_3
D I/O
Port 0.3
9
P0_4
D I/O
Port 0.4
10
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
11
P0_5
D I/O
Port 0.5
12
P0_6
D I/O
Port 0.6
13
P0_7
D I/O
Port 0.7
14
P2_0
D I/O
Port 2.0
15
P2_1
D I/O
Port 2.1
16
P2_2
D I/O
Port 2.2
17
P2_3/XOSC32_Q1
D I/O
Port 2.3/32.768 kHz crystal oscillator pin 1
18
P2_4/XOSC32_Q2
D I/O
Port 2.4/32.768 kHz crystal oscillator pin 2
19
AVDD
Power (Analog) 2.0V-3.6V analog power supply connection
20
XOSC_Q2
Analog I/O
26 MHz crystal oscillator pin 2
21
XOSC_Q1
Analog I/O
26 MHz crystal oscillator pin 1, or external clock input
22
AVDD
Power (Analog) 2.0V-3.6V analog power supply connection
23
RF_P
RF I/O
Positive RF input signal to LNA in receive mode
Positive RF output signal from PA in transmit mode
24
RF_N
RF I/O
Negative RF input signal to LNA in receive mode
Negative RF output signal from PA in transmit mode
25
AVDD
Power (Analog) 2.0V-3.6V analog power supply connection
26
AVDD
Power (Analog) 2.0V-3.6V analog power supply connection
27
RBIAS
Analog I/O
External precision bias resistor for reference current
28
GUARD
Power (Digital)
Power supply connection for digital noise isolation
29
AVDD_DREG
Power (Digital)
2.0V-3.6V digital power supply for digital core voltage regulator
30
DCOUPL
Power
decoupling
1.8V digital power supply decoupling
31
RESET_N
DI
Reset, active low
32
P1_7
D I/O
Port 1.7
33
P1_6
D I/O
Port 1.6
34
P1_5
D I/O
Port 1.5
35
P1_4
D I/O
Port 1.4
36
P1_3
D I/O
Port 1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com