Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 105 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 105 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 101Page - Texas Instruments CC1110-RTR1 Datasheet HTML 102Page - Texas Instruments CC1110-RTR1 Datasheet HTML 103Page - Texas Instruments CC1110-RTR1 Datasheet HTML 104Page - Texas Instruments CC1110-RTR1 Datasheet HTML 105Page - Texas Instruments CC1110-RTR1 Datasheet HTML 106Page - Texas Instruments CC1110-RTR1 Datasheet HTML 107Page - Texas Instruments CC1110-RTR1 Datasheet HTML 108Page - Texas Instruments CC1110-RTR1 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 105 of 202
WORTIME0 (0xA5) – Sleep Timer Low Byte
Bit
Name
Reset
R/W
Description
7:0
WORTIME0[7:0
]
0x00
R
Timer 16-bit value, low byte. The 16 bits are selected from the 31-
bit Sleep Timer according to the setting of
WORCTL.WOR_RES[1:0]
WORTIME1 (0xA6) – Sleep Timer High Byte
Bit
Name
Reset
R/W
Description
7:0
WORTIME1[7:0
]
0x00
R
Timer 16-bit value, high byte. The 16 bits are selected from the 31-
bit Sleep Timer according to the setting of
WORCTL.WOR_RES[1:0]
WOREVT1 (0xA4) – Sleep Timer Event0 Timeout High
Bit
Name
Reset
R/W
Description
7:0
EVENT0[15:8]
0x87
R/W
High byte of Event 0 timeout register
RES
WOR
XOSC
Event
EVENT
f
t
_
5
0
2
0
750
⋅
⋅
⋅
=
WOREVT0 (0xA3) – Sleep Timer Event0 Timeout Low
Bit
Name
Reset
R/W
Description
7:0
EVENT0[7:0]
107
(0x6B)
R/W
Low byte of Event 0 timeout register.
The default Event 0 value gives 1.0s timeout, assuming a
26.0 MHz crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com