Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110-RTR1 Datasheet(PDF) 194 Page - Texas Instruments

Part # CC1110-RTR1
Description  True System-on-Chip with Low Power RF Transceiver and 8051 MCU
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1110-RTR1 Datasheet(HTML) 194 Page - Texas Instruments

Back Button CC1110-RTR1 Datasheet HTML 190Page - Texas Instruments CC1110-RTR1 Datasheet HTML 191Page - Texas Instruments CC1110-RTR1 Datasheet HTML 192Page - Texas Instruments CC1110-RTR1 Datasheet HTML 193Page - Texas Instruments CC1110-RTR1 Datasheet HTML 194Page - Texas Instruments CC1110-RTR1 Datasheet HTML 195Page - Texas Instruments CC1110-RTR1 Datasheet HTML 196Page - Texas Instruments CC1110-RTR1 Datasheet HTML 197Page - Texas Instruments CC1110-RTR1 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 203 page
background image
CC1110
CC1110 PRELIMINARY Datasheet (Rev. 1.01) SWRS033A
Page 194 of 202
GDO0_CFG[5:0]
GDO1_CFG[5:0]
GDO2_CFG[5:0]
Description
0-7
Not in use
8
Preamble Quality Reached. Asserts when the PQI is above the programmed PQT value.
9
Clear channel assessment. High when RSSI level is below threshold (dependent on the current
CCA_MODE setting)
10
Lock detector output
11
Serial Clock. Synchronous to the data in synchronous serial mode.
Data is set up on the falling edge and is read on the rising edge of SERIAL_CLK.
12
Serial Synchronous Data Output. Used for synchronous serial mode. The MCU must read DO on the
rising edge of SERIAL_CLK. Data is set up on the falling edge by CC1100.
13
Serial transparent Data Output. Used for asynchronous serial mode.
14
Carrier sense. High if RSSI level is above threshold.
15
CRC OK. The last CRC comparison matched. Cleared when entering/restarting RX mode.
16
ADC I/Q – serialized
17
Decimation filter output I/Q + channel filter I/Q + CORDIC + GAIN
18
Demodulator backend key signals (PSK)
19
Demodulator backend key signals (FSK)
20
Data filter output
21
Not in use
22
RX_HARD_DATA[1]
23
RX_HARD_DATA[0]
24
FPLL
25
CLK_PRE
26
VCO_CURR_COMP
27
PA_PD
28
LNA_PD
29
RX_SYMBOL_TICK
30-46
Not in use
47
Hard-wired to 0 (hard-wired to 1 achieved with inverted polarity selected on output test signal)
48-63
Not in use
Table 52: Debug output signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com