Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37871 Datasheet(PDF) 19 Page - EPCOS

Part # B37871
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37871 Datasheet(HTML) 19 Page - EPCOS

Back Button B37871 Datasheet HTML 13Page - EPCOS B37871 Datasheet HTML 14Page - EPCOS B37871 Datasheet HTML 15Page - EPCOS B37871 Datasheet HTML 16Page - EPCOS B37871 Datasheet HTML 17Page - EPCOS B37871 Datasheet HTML 18Page - EPCOS B37871 Datasheet HTML 19Page - EPCOS B37871 Datasheet HTML 20Page - EPCOS B37871 Datasheet HTML 21Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Multilayer Ceramic Capacitors
32
10/02
C0G
Typical characteristics
Capacitance change
∆C/C
25 versus
temperature T (tolerance range
)
Capacitance change
∆C/C
0 versus
superimposed DC voltage V
Impedance |Z | versus
frequency f
Dissipation factor tan
δ versus
temperature T
KKE0107-F
25
T
020
40
60
80
˚C 120
0
0,2
0,4
0,6
0,8
1,0
%
C
∆C
55
__40 20
_
_1,0
0,8
_
0,6
_
0,4
_
0,2
_
KKE0458-8
0
V
80
120
160
V 200
0
0,1
0,2
0,3
0,5
%
C
∆C
40
0
0,1
_
_0,2
_0,3
_0,4
_0,5
KKE0124-5
10 0
10 1
10 2
10 3
Z
10
f
2
_
MHz
10
_1
10 0
1
10
10 2
10 3
10 4
5
10
Ω
1 pF
10 pF
100 pF
1 nF
KKE0118-V
tan
T
0
20 40 60 80 100 ˚C 140
δ
60
_
40
_
20
_
5
10
_
10
4
_
10
3
_
10
2
_
C0G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com