Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37871 Datasheet(PDF) 2 Page - EPCOS

Part # B37871
Description  Multilayer Ceramic Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37871 Datasheet(HTML) 2 Page - EPCOS

  B37871 Datasheet HTML 1Page - EPCOS B37871 Datasheet HTML 2Page - EPCOS B37871 Datasheet HTML 3Page - EPCOS B37871 Datasheet HTML 4Page - EPCOS B37871 Datasheet HTML 5Page - EPCOS B37871 Datasheet HTML 6Page - EPCOS B37871 Datasheet HTML 7Page - EPCOS B37871 Datasheet HTML 8Page - EPCOS B37871 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
15
10/02
Features
■ Good thermal stability
■ High insulation resistance
■ Low dissipation factor
■ Low inductance
Applications
■ Resonant circuits
■ Filter circuits
■ Timing elements
■ Coupling and filtering, particularly in RF circuits
Termination
■ For soldering: Nickel-barrier terminations (Ni)
■ For conductive adhesion: Silver-palladium terminations (AgPd) on request
Options
■ Alternative capacitance tolerances available on request
Delivery mode
■ Cardboard and blister tape (blister tape for chip thickness
≥ 1,2 ± 0,1 mm and case size 1210),
180-mm and 330-mm reel available
■ Bulk case for case size 0402 on request
■ Bulk case for case sizes 0603 (50 V) and 0805 (50 V)
Electrical data
Temperature characteristic
C0G
Climatic category (IEC 60068-1)
55/125/56
Standard
EIA
Dielectric
Class 1
Rated voltage
VR
50, 100, 200
VDC
Test voltage
Vtest
2,5 · VR/5 s
VDC
Capacitance range / E series
CR
1 pF … 10 nF (E6/E12)
Temperature coefficient
0
± 30 · 10–6/K
Dissipation factor (limit value)
tan
δ
< 1,0 · 10–3
Insulation resistance1) at + 25
°C
Rins
> 105
M
Ω
Insulation resistance1) at + 125
°C
Rins
> 104
M
Ω
Time constant1) at + 25
°C
τ
> 1000
s
Time constant1) at + 125
°C
τ
> 100
s
Operating temperature range
Top
– 55 … +125
°C
Ageing
none
1) For CR > 10 nF the time constant τ = C · Rins is given.
Chip
C0G
Multilayer Ceramic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com