Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293 Datasheet(HTML) 1 Page - Texas Instruments

  LM293 Datasheet HTML 1Page - Texas Instruments LM293 Datasheet HTML 2Page - Texas Instruments LM293 Datasheet HTML 3Page - Texas Instruments LM293 Datasheet HTML 4Page - Texas Instruments LM293 Datasheet HTML 5Page - Texas Instruments LM293 Datasheet HTML 6Page - Texas Instruments LM293 Datasheet HTML 7Page - Texas Instruments LM293 Datasheet HTML 8Page - Texas Instruments LM293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM193, LM293, LM293A
LM393, LM393A, LM2903, LM2903V
DUAL DIFFERENTIAL COMPARATORS
SLCS005T − JUNE 1976 − REVISED FEBRUARY 2007
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single Supply or Dual Supplies
D Wide Range of Supply Voltage
− Max Rating ...2 V to 36 V
− Tested to 30 V . . . Non-V Devices
− Tested to 32 V ...V-Suffix Devices
D Low Supply-Current Drain Independent of
Supply Voltage . . . 0.4 mA Typ Per
Comparator
D Low Input Bias Current . . . 25 nA Typ
D Low Input Offset Current ...3 nA Typ
(LM193)
D Low Input Offset Voltage ...2 mV Typ
D Common-Mode Input Voltage Range
Includes Ground
D Differential Input Voltage Range Equal to
Maximum-Rated Supply Voltage . . .
±36 V
D Low Output Saturation Voltage
D Output Compatible With TTL, MOS, and
CMOS
description/ordering information
These devices consist of two independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.
Operation from dual supplies also is possible as
long as the difference between the two supplies is
2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode voltage. Current drain is
independent of the supply voltage. The outputs can be connected to other open-collector outputs to achieve
wired-AND relationships.
The LM193 is characterized for operation from −55
°C to 125°C. The LM293 and LM293A are characterized for
operation from −25
°C to 85°C. The LM393 and LM393A are characterized for operation from 0°C to 70°C. The
LM2903 is characterized for operation from −40
°C to 125°C.
Copyright
 2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
LM193 ...D OR JG PACKAGE
LM293 . . . D, DGK, OR P PACKAGE
LM293A ...D OR DGK PACKAGE
LM393, LM393A . . . D, DGK, P, PS, OR PW PACKAGE
LM2903 . . . D, DGK, P, PS, OR PW PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN−
NC
NC
1IN−
NC
1IN+
NC
LM193 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM293

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM293 NSC-LM293 Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
NXP Semiconductors
LM293 PHILIPS-LM293 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Texas Instruments
LM293 TI-LM293 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM293 ONSEMI-LM293 Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM293 ONSEMI-LM293 Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
More results

Similar Description - LM293

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com