Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM293 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM293
Description  DUAL DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM293 Datasheet(HTML) 2 Page - Texas Instruments

  LM293 Datasheet HTML 1Page - Texas Instruments LM293 Datasheet HTML 2Page - Texas Instruments LM293 Datasheet HTML 3Page - Texas Instruments LM293 Datasheet HTML 4Page - Texas Instruments LM293 Datasheet HTML 5Page - Texas Instruments LM293 Datasheet HTML 6Page - Texas Instruments LM293 Datasheet HTML 7Page - Texas Instruments LM293 Datasheet HTML 8Page - Texas Instruments LM293 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LM193, LM293, LM293A
LM393, LM393A, LM2903, LM2903V
DUAL DIFFERENTIAL COMPARATORS
SLCS005T − JUNE 1976 − REVISED FEBRUARY 2007
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
VIOmax
AT 25
°C
MAX VCC
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
LM393P
LM393P
SOIC (D)
Tube of 75
LM393D
LM393
SOIC (D)
Reel of 2500
LM393DR
LM393
5 mV
30 V
SOP (PS)
Reel of 2000
LM393PSR
L393
5 mV
30 V
TSSOP (PW)
Tube of 150
LM393PW
L393
TSSOP (PW)
Reel of 2000
LM393PWR
L393
0
°C to 70°C
MSOP/VSSOP (DGK)
Reel of 2500
LM393DGKR
M9_‡
0 C to 70 C
PDIP (P)
Tube of 50
LM393AP
LM393AP
SOIC (D)
Tube of 75
LM393AD
LM393A
2 mV
30 V
SOIC (D)
Reel of 2500
LM393ADR
LM393A
2 mV
30 V
SOP (PS)
Reel of 2000
LM393APSR
L393A
TSSOP (PW)
Reel of 2000
LM393APWR
L393A
MSOP/VSSOP (DGK)
Reel of 2500
LM393ADGKR
M8_‡
PDIP (P)
Tube of 50
LM293P
LM293P
5 mV
30 V
SOIC (D)
Tube of 75
LM293D
LM293
5 mV
30 V
SOIC (D)
Reel of 2500
LM293DR
LM293
−25
°C to 85°C
MSOP/VSSOP (DGK)
Reel of 2500
LM293DGKR
MC_‡
−25 C to 85 C
SOIC (D)
Tube of 75
LM293AD
LM293A
2 mV
30 V
SOIC (D)
Reel of 2500
LM293ADR
LM293A
2 mV
30 V
MSOP/VSSOP (DGK)
Reel of 2500
LM293ADGKR
MD_‡
PDIP (P)
Tube of 50
LM2903P
LM2903P
SOIC (D)
Tube of 75
LM2903D
LM2903
7 mV
30 V
SOIC (D)
Reel of 2500
LM2903DR
LM2903
7 mV
30 V
SOP (PS)
Reel of 2000
LM2903PSR
L2903
−40
°C to 125°C
TSSOP (PW)
Reel of 2000
LM2903PWR
L2903
−40
°C to 125°C
MSOP/VSSOP (DGK)
Reel of 2500
LM2903DGKR
MA_‡
7 mV
32 V
SOIC (D)
Reel of 2500
LM2903VQDR
L2903V
7 mV
32 V
TSSOP (PW)
Reel of 2000
LM2903VQPWR
L2903V
2 mV
32 V
SOIC (D)
Reel of 2500
LM2903AVQDR
L2903AV
2 mV
32 V
TSSOP (PW)
Reel of 2000
LM2903AVQPWR
L2903AV
CDIP (JG)
Tube of 50
LM193JG
LM193JG
−55
°C to 125°C
5 mV
30 V
LCCC (FK)
Tube of 55
LM193FK
LM193FK
−55 C to 125 C
5 mV
30 V
SOIC (D)
Reel of 2500
LM193DR
LM193
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com