Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7107GP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS7107GP
Description  Three and a half with a LED display driver A/D converter circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS7107GP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS7107GP Datasheet HTML 1Page - List of Unclassifed Manufacturers CS7107GP Datasheet HTML 2Page - List of Unclassifed Manufacturers CS7107GP Datasheet HTML 3Page - List of Unclassifed Manufacturers CS7107GP Datasheet HTML 4Page - List of Unclassifed Manufacturers CS7107GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CS7107GP CS7107GN
三位半带
LED 显示驱动的 A/D 转换电路
版本
1.0 2003-10-04
第
1 页 共 5 页
概述
CS7107GP CS7107GN 是一种 3 位半数字 A/D 转换大规模 CMOS 集成电路 具有很强的抗干扰
能力 用途十分广泛 可以组装成袖珍式数字电压表 万用表 温度计 数字压力计 数字式水平仪
等各种具有体积小
重量轻
便于携带的数字仪表
它也可用于数控系统
CS7107GP CS7107GN
可与国外同类号的电路互换使用
功能特点
温度漂移低
输入阻抗高
对输入信号无衰减
内部噪声低 显示稳定
能实现自动调零和自动极性显示
A/D 转换准确
具有显示保持
HOLD 引脚
电池低压显示
LOWB 引脚
A/D 积分显示 DEEN 引
脚
A/D 反积分显示 INTEN 引脚
注
DIP40 封装形式无此四项功能
段驱动输出灌电流为
8mA
采用外部数字
封装形式
DIP40 QFP44
管脚排列图
5
4
1
2
3
V+
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D1
C1
B1
A1
F1
G1
E1
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB4
POL
G2
C3
A3
G3
OSC1
OSC2
OSC3
TEST
VREF+
VREF-
CREF+
CREF-
COM
VIN+
VIN-
A/Z
BUF
INT
V-
GND
CS7107GP
DIP40
22 21 20 19 18 17 16 15 14 13 12
B3
F3
E3
AB4
POL
GND
G3
A3
C3
B1
C1
D1
V+
OSC1
OSC2
HOLD
OSC3
TEST
G2
LOWB
INTEN
DEEN
23
24
25
26
27
28
29
30
31
32
11
10
9
8
7
6
5
4
3
2
33
34 35 36 37 38 39 40 41 42 43 44
1
CS7107GN
QFP44
WINNING
广州市艾禧电子科技有限公司
地址:广州市海珠区宝岗大道中新大厦1306 TEL:020-34383476 FAX:020-34387339 Email:gzwinning@163.com
http://www.gzwinning.com


Similar Part No. - CS7107GP

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
Apacer industrial CS710-CF card
logo
Vishay Siliconix
CS7103001K500B8968 VISHAY-CS7103001K500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS7103001K500B9123 VISHAY-CS7103001K500B9123 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS710300R1500B8968 VISHAY-CS710300R1500B8968 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
CS710300R1500B9123 VISHAY-CS710300R1500B9123 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
More results

Similar Description - CS7107GP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
Integrated Circuit A/D Converter for 3-Digit Display
logo
NXP Semiconductors
PCF8591 PHILIPS-PCF8591 Datasheet
221Kb / 28P
8-bit A/D and D/A converter
1998 Jul 02
logo
Intersil Corporation
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
logo
NXP Semiconductors
PCF8591P PHILIPS-PCF8591P Datasheet
139Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
List of Unclassifed Man...
MB87020 ETC-MB87020 Datasheet
996Kb / 31P
16-Bit A/D And D/A CONVERTER
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
AKD4552-A AKM-AKD4552-A Datasheet
329Kb / 33P
24bit A/D and D/A converter,
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
8-bit A/D and D/A converter
Rev. 02-27 January 2010
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Analog Devices
DAC10DF AD-DAC10DF_15 Datasheet
891Kb / 2P
Fast Display D / A Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com