Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9018 Datasheet HTML 1Page - ESS Technology,Inc ES9018 Datasheet HTML 2Page - ESS Technology,Inc ES9018 Datasheet HTML 3Page - ESS Technology,Inc ES9018 Datasheet HTML 4Page - ESS Technology,Inc ES9018 Datasheet HTML 5Page - ESS Technology,Inc ES9018 Datasheet HTML 6Page - ESS Technology,Inc ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
4
Vista™
High Definition
Vista™
High Definition
PIN DESCRIPTION (ES9018)
Pin
Name
I/O
Description
1
VDD_L
-
Analog Power (+1.2V) for Left channels
2
DAC1
O
Differential Positive Analog Output 1
3
DAC1B
O
Differential Negative Analog Output 1
4
DAC3B
O
Differential Negative Analog Output 3
5
DAC3
O
Differential Positive Analog Output 3
6
AGND_L
-
Analog Ground for Left channels
7
AVCC_L
-
Analog Power (+3.3V) for Left channels
8
RESET
I
Global Reset
9
GND
-
Digital Ground
10
AVCC_L
-
Analog Power (+3.3V) for Left channels
11
AGND_L
-
Analog Ground for Left channels
12
DAC5
O
Differential Positive Analog Output 5
13
DAC5B
O
Differential Negative Analog Output 5
14
DAC7B
O
Differential Negative Analog Output 7
15
DAC7
O
Differential Positive Analog Output 7
16
VDD_L
-
Analog Power (+1.2V) for Left channels
17
AVCC_L
-
Analog Power (+3.3V) for Left channels
18
AGND_L
-
Analog Ground for Left channels
19
GND
-
Digital Ground
20
VDD
-
Digital Power (+1.2V) for core of chip
21
SDA
I/O
I2C SDA
22
SCL
I
I2C SCL
23
XO
O
Xtal oscillator output
24
XI (MCLK)
I
Xtal oscillator input (Note: can also just be a clock input)
25
DVCC_B
-
Digital Power (+3.3V) for bottom pad ring of chip
26
LOCK
O
Lock output
27
N.C.
Not connected (leave open)
28
N.C.
Not connected (leave open)
29
VDD
-
Digital Power (+1.2V) for core of chip
30
GND
-
Digital Ground
31
AGND_R
-
Analog Ground for Right channels
32
AVCC_R
-
Analog Power (+3.3V) for Right channels
33
VDD_R
-
Analog Power (+1.2V) for Right channels
34
DAC8
O
Differential Positive Analog Output 8
35
DAC8B
O
Differential Negative Analog Output 8
36
DAC6B
O
Differential Negative Analog Output 6
37
DAC6
O
Differential Positive Analog Output 6
38
AGND_R
-
Analog Ground for Right channels
39
AVCC_R
-
Analog Power (+3.3V) for Right channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com