Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9018 Datasheet(PDF) 10 Page - ESS Technology,Inc

Part # ES9018
Description  Reference 32-bit Audio DAC Datasheet
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018 Datasheet(HTML) 10 Page - ESS Technology,Inc

Back Button ES9018 Datasheet HTML 6Page - ESS Technology,Inc ES9018 Datasheet HTML 7Page - ESS Technology,Inc ES9018 Datasheet HTML 8Page - ESS Technology,Inc ES9018 Datasheet HTML 9Page - ESS Technology,Inc ES9018 Datasheet HTML 10Page - ESS Technology,Inc ES9018 Datasheet HTML 11Page - ESS Technology,Inc ES9018 Datasheet HTML 12Page - ESS Technology,Inc ES9018 Datasheet HTML 13Page - ESS Technology,Inc ES9018 Datasheet HTML 14Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Sabre32 Reference Datasheet
CONFIDENTIAL ADVANCE
INFORMATION Rev. 1.2
February 11, 2010
www.esstech.com
10
Vista™
High Definition
Vista™
High Definition
FEATURE DESCRIPTION
Soft Mute
When Mute is asserted the output signal will ramp to the -
∞ level. When Mute is reset the attenuation
level will ramp back up to the previous level set by the volume control register. Asserting Mute will not
change the value of the volume control register. The ramp rate is 0.0078125*FS dB/s, where FS =
DATA_CLK/64 in PCM serial or DSD modes, or SPDIF sampling rate in SPDIF mode.
Automute Loopback
During an automute condition the external automute pin will always be asserted, however the ramping of
the volume of each DAC DAC to -
∞ can now be programmatically enabled or disabled.
Zero Detect
The use of the zero detect function to drive an external mute circuit is not required, but is recommended
for designs that need the absolute maximum signal-to-noise ratios on an idle channel.
o
In PCM serial mode, the Zero Detect output pin “AUTOMUTE” will become active once the audio data
is continuously below the threshold set by <Register Automute_lev>, for a length of time defined by
2096896/(<Register#9>*DATA_CLK) Seconds.
o
In SPDIF mode, the Zero Detect output pin “AUTOMUTE” will become active once the audio data is
continuously below the threshold set by <Register Automute_lev>, for a length of time defined by
2096896/(<Register#9>*(64*FS) Seconds, where FS is the SPDIF sampling rate.
o
In the DSD Mode, the Zero Detect output pin “AUTOMUTE” will become active when any 8
consecutive values in the DSD stream have as many 1’s and 0’s for a length of time defined by
2096896/(<Register Automute_time>*DATA_CLK) Seconds. The following table summarizes the
conditions.
Mode
Detection Condition
Time
PCM
Data is continuously lower than
<Register Automute_lev >
2096896/(<Register Automute_time >*DATA_CLK)
SPDIF
Data is continuously lower than
<Register Automute_lev >
2096896/(<Register Automute_time >*(64*FS))
where FS is the SPDIF sampling rate
DSD
Equal number of 1s and 0s in every 8
bits of data
2096896/(<Register Automute_time >*DATA_CLK)
Table5
Volume Control
Each output channel has its own attenuation circuit. The attenuation for each channel is controlled
independently. Each channel can be attenuated from 0dB to –127dB in 0.5dB steps.
Each 0.5dB step transition takes 64 intermediate levels. The result being that the level changes are done
using small enough steps so that no switching noise occurs during the transition of the volume control.
When a new volume level is set, the attenuation circuit will ramp softly to the new level.
Master Trim
The master trim sets the 0dB reference level for the volume control of each DAC. The master trim is
programmable via registers 20-23 and is a 32bit signed number. Therefore it should never exceed
32'h7FFFFFFF (as this is full-scale signed).
All Mono Mode
The SABRE32can be put into an all mono mode where all eight DACs are driven from the same source.
This can be useful for high-end audio applications. The source data for all eight DACs can be
programmatically configured to be either PCM CH1 or CH2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com