Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # BFR93
Description  Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BFR93 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  BFR93 Datasheet HTML 1Page - TEMIC Semiconductors BFR93 Datasheet HTML 2Page - TEMIC Semiconductors BFR93 Datasheet HTML 3Page - TEMIC Semiconductors BFR93 Datasheet HTML 4Page - TEMIC Semiconductors BFR93 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BFR93/BFR93R
TELEFUNKEN Semiconductors
Rev. A1, 17-Apr-96
2 (5)
Electrical DC Characteristics
Tj = 25°C, unless otherwise specified
Parameters / Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter cut-off current
VCE = 20 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 10 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
mA
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
12
V
DC forward current transfer ratio
VCE = 5 V, IC = 30 mA
hFE
25
50
150
Electrical AC Characteristics
Tamb = 25°C
Parameters / Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Transition frequency
VCE = 5 V, IC = 30 mA, f = 500 MHz
fT
5
GHz
Collector-emitter capacitance
VCE = 5 V, f = 1 MHz
Cce
0.15
pF
Collector base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.5
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.1
pF
Noise figure
VCE = 5 V, IC = 4 mA, ZS = 50
W, f = 500 MHz
F
1.9
dB
Power gain
VCE = 5 V, IC = 30 mA, ZL = ZLopt,
f = 500 MHz
f = 800 MHz
Gpe
Gpe
18
13
dB
dB
Linear output voltage – two tone intermodulation test
VCE = 5 V, IC = 30 mA, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MHz, ZS = ZL = 50
W
V1 = V2
240
mV
Third order intercept point
VCE = 5 V, IC = 30 mA, f = 800 MHz
IP3
30
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com