Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR93 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # BFR93
Description  Silicon NPN Planar RF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

BFR93 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  BFR93 Datasheet HTML 1Page - TEMIC Semiconductors BFR93 Datasheet HTML 2Page - TEMIC Semiconductors BFR93 Datasheet HTML 3Page - TEMIC Semiconductors BFR93 Datasheet HTML 4Page - TEMIC Semiconductors BFR93 Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFR93/BFR93R
TELEFUNKEN Semiconductors
Rev. A1, 17-Apr-96
1 (5)
Silicon NPN Planar RF Transistor
Applications
RF-amplifier up to GHz range specially for wide band antenna amplifier.
Features
D High power gain
D Low noise figure
D High transition frequency
23
1
94 9280
BFR93 Marking: R1
Plastic case (SOT 23)
1= Collector; 2= Base; 3= Emitter
32
1
95 10527
BFR93R Marking: R4
Plastic case (SOT 23)
1= Collector; 2= Base; 3= Emitter
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-base voltage
VEBO
2
V
Collector current
IC
40
mA
Total power dissipation
Tamb ≤ 60°C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Maximum Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
450
K/W


Similar Part No. - BFR93

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR93 PHILIPS-BFR93 Datasheet
99Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93 VISHAY-BFR93 Datasheet
122Kb / 7P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
NXP Semiconductors
BFR93. PHILIPS-BFR93. Datasheet
99Kb / 12P
NPN 5 GHz wideband transistor
1997 Oct 29
BFR93A PHILIPS-BFR93A Datasheet
117Kb / 12P
NPN 6 GHz wideband transistor
1997 Oct 29
logo
Vishay Siliconix
BFR93A VISHAY-BFR93A Datasheet
146Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
More results

Similar Description - BFR93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com