Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9740 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9740
Description  3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9740 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9740 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9740 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9740 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9740 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9740 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ETA9740
www.etasolution.com
1
Powering Minds of the Smart
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single
Inductor
DESCRIPTION
FEATURES
ETA9740 is a switching Li-Ion battery charger capable of
delivering up to 3A of charging current to the battery and also
capable of delivering up to 5V/2.4A in boost operation, with high
efficiency in both charging mode and boost mode. It also includes
a fuel gauge system for power indication. For charging, it uses a
proprietary control scheme that eliminates the current sense
resistor for conventional constant current control, maximizing
efficiency, reducing charging time and reducing costs. It can also
output a 5V voltage in the reversed direction by boosting from
the battery. It only needs a single inductor to provide power
bi-directionally with a proprietary automatic mode detect and
switch scheme. ETA9740 is an ideal all-in-one solution for
battery charging and discharge applications, such as power
banks, smart phones, and tablets with only one USB port that can
be used for charging battery function.
ETA9740 is suitable for charging a 4.2V Li-ion battery. And
ETA9740 is in ESOP8 package.
 Bi-Directional Power conversion with Single
Inductor
 Automatic Mode Switching
 Switching Charger
 5V Synchronous Boost
 Up to 96% Efficiency
 Up to 3A Max charging current and 2.4A
discharging
 No-Battery detection
 No External Sense resistor
 4 LEDs Fuel gauge
APPLICATIONS
 Tablet, MID
 Smart Phone
 Power Bank
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA9740E8A
ESOP8
ETA9740
2500


Similar Part No. - ETA9740

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9741 ETA-ETA9741 Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
ETA9741E8A ETA-ETA9741E8A Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
ETA9742 ETA-ETA9742 Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
ETA9742E8A ETA-ETA9742E8A Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
More results

Similar Description - ETA9740

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5909 HMSEMI-HM5909 Datasheet
874Kb / 5P
1.2A Switching Charger and 1.2A Boost in One Sot23-5 with Single Inductor
logo
Maxim Integrated Produc...
MAX17261 MAXIM-MAX17261 Datasheet
1Mb / 32P
5.1關A Multi-Cell Fuel Gauge with ModelGauge m5 EZ
2018
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
SM5735 SILICONMITUS-SM5735 Datasheet
524Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger with Dual input, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
September 2020 Rev0.0.0
logo
ETA SOLUTIONS CO. LIMIT...
ETA9742 ETA-ETA9742 Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com