Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9740E8A Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9740E8A
Description  3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9740E8A Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA9740E8A Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9740E8A Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9740E8A Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA9740E8A Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA9740E8A Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ETA9740
www.etasolution.com
4
Powering Minds of the Smart
In BOOST MODE
APPLICATION SUPPORT
Please contact local distributor or ETA sales representatives for technical support.
PCB GUIDELINES
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
6
Iout (A)
Vout Vs. Iout
Vin=3.3V
Vin=3.6V
Vin=4.0V
Vin=4.35V
0
0.5
1
1.5
2
2.5
70%
75%
80%
85%
90%
95%
100%
Iout (A)
Efficiency Vs. Iout
Vin=3.3V
Vin=3.6V
Vin=4.0V
Vin=4.35V
Please have CIN, COUT, and L placed just next to the IC pins so that the power traces are kept to the shortest to achieve
a good performance of ETA9740 and good EMI.
Have CBAT and CUSB placed close to the IC pins and connected to AGND to ensure a clean AGND.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com