Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9740E8A Datasheet (PDF) - ETA SOLUTIONS CO. LIMITED

ETA9740E8A Datasheet PDF - ETA SOLUTIONS CO. LIMITED
Part # ETA9740E8A
Download  ETA9740E8A Download
File Size   613.25 Kbytes
Page   5 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor

ETA9740E8A Datasheet (PDF)

Go To PDF Page Download Datasheet
ETA9740E8A Datasheet PDF - ETA SOLUTIONS CO. LIMITED

Part # ETA9740E8A
Download  ETA9740E8A Click to download

File Size   613.25 Kbytes
Page   5 Pages
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED
Description 3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor

ETA9740E8A Datasheet (HTML) - ETA SOLUTIONS CO. LIMITED


ETA9740E8A Product details

FEATURES
 Bi-Directional Power conversion with Single Inductor
 Automatic Mode Switching
 Switching Charger
 5V Synchronous Boost
 Up to 96% Efficiency
 Up to 3A Max charging current and 2.4A discharging
 No-Battery detection
 No External Sense resistor
 4 LEDs Fuel gauge




Similar Part No. - ETA9740E8A

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9741 ETA-ETA9741 Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
ETA9741E8A ETA-ETA9741E8A Datasheet
712Kb / 3P
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
ETA9742 ETA-ETA9742 Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
ETA9742E8A ETA-ETA9742E8A Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
More results


Similar Description - ETA9740E8A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2632 MPS-MP2632 Datasheet
2Mb / 37P
All-in-One, 3A Battery Charger with 3A Boost Current
MP2690 MPS-MP2690 Datasheet
2Mb / 37P
All-in-One, 2.5A Battery Charger with 2.1A Boost Current
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5909 HMSEMI-HM5909 Datasheet
874Kb / 5P
1.2A Switching Charger and 1.2A Boost in One Sot23-5 with Single Inductor
logo
Maxim Integrated Produc...
MAX17261 MAXIM-MAX17261 Datasheet
1Mb / 32P
5.1關A Multi-Cell Fuel Gauge with ModelGauge m5 EZ
2018
MAX17048 MAXIM-MAX17048_V01 Datasheet
1Mb / 19P
3關A 1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Silicon Mitus, Inc.
SM5038 SILICONMITUS-SM5038 Datasheet
214Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger, QC2.0, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
May 2021 Rev1.0.0
SM5735 SILICONMITUS-SM5735 Datasheet
524Kb / 2P
Interface PMIC with Type-C and PD, 3:1 MUIC, 3.5 A SW Charger with Dual input, 1.5 A OTG, 1.5 A Flash LED Driver and Fuel Gauge with a Selectable External Sensing Resistor
September 2020 Rev0.0.0
logo
ETA SOLUTIONS CO. LIMIT...
ETA9742 ETA-ETA9742 Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com