Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP311 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP311
Description  LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP311 Datasheet(HTML) 1 Page - Texas Instruments

  LP311 Datasheet HTML 1Page - Texas Instruments LP311 Datasheet HTML 2Page - Texas Instruments LP311 Datasheet HTML 3Page - Texas Instruments LP311 Datasheet HTML 4Page - Texas Instruments LP311 Datasheet HTML 5Page - Texas Instruments LP311 Datasheet HTML 6Page - Texas Instruments LP311 Datasheet HTML 7Page - Texas Instruments LP311 Datasheet HTML 8Page - Texas Instruments LP311 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP211, LP311
LOW POWER DIFFERENTIAL COMPARATORS
WITH STROBES
SLCS003D − JUNE 1987 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Power Drain . . . 900 µW Typical With
5-V Supply
D Operates From ±15 V or From a Single
Supply as Low as 3 V
D Output Drive Capability of 25 mA
D Emitter Output Can Swing Below Negative
Supply
D Response Time . . . 1.2 µs Typ
D Low Input Currents:
Offset Current ...2 nA Typ
Bias Current . . . 15 nA Typ
D Wide Common-Mode Input Range:
−14.5 V to 13.5 V Using
±15-V Supply
D Offset Balancing and Strobe Capability
D Same Pinout as LM211, LM311
D Designed To Be Interchangeable With
Industry-Standard LP311
description/ordering information
The LP211 and LP311 devices are low-power versions of the industry-standard LM211 and LM311 devices.
They take advantage of stable, high-value, ion-implanted resistors to perform the same function as the LM311
series, with a 30:1 reduction in power consumption, but only a 6:1 slowdown in response time. They are well
suited for battery-powered applications and all other applications where fast response times are not needed.
They operate over a wide range of supply voltages, from
±18 V down to a single 3-V supply with less than 300-µA
current drain, but are still capable of driving a 25-mA load. The LP211 and LP311 are quite easy to apply free
of oscillation if ordinary precautions are taken to minimize stray coupling from the output to either input or to the
trim pins. In addition, offset balancing is available to minimize input offset voltage. Strobe capability also is
provided to turn off the output (regardless of the inputs) by pulling the strobe pin low.
The LP211 is characterized for operation from −25
°C to 85°C. The LP311 is characterized for operation from
0
°C to 70°C.
ORDERING INFORMATION
TA
VIO max
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (P)
Tube of 50
LP311P
LP311P
−0
°C to 70°C
7.5 mV
SOIC (D)
Tube of 75
LP311D
LP311
−0
°C to 70°C
7.5 mV
SOIC (D)
Reel of 2500
LP311DR
LP311
SOP (PS)
Reel of 2000
LP311PSR
L311
−25
°C to 85°C
7.5 mV
SOIC (D)
Tube of 75
LP211D
LP211
−25
°C to 85°C
7.5 mV
SOIC (D)
Reel of 2500
LP211DR
LP211
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
EMIT OUT
IN+
IN−
VCC−
VCC+
COL OUT
BAL/STRB
BALANCE
LP211 ...D PACKAGE
LP311 . . . D, P, OR PS PACKAGE
(TOP VIEW)


Similar Part No. - LP311

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
logo
Texas Instruments
LP311 TI1-LP311 Datasheet
403Kb / 8P
Voltage Comparator
LP311 TI2-LP311 Datasheet
453Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
REVISED SEPTEMBER 2003
LP311-N TI1-LP311-N Datasheet
403Kb / 8P
Voltage Comparator
logo
Lowpower Semiconductor ...
LP3110 POWER-LP3110 Datasheet
262Kb / 9P
2X Mode for Ultra-High Efficiency
More results

Similar Description - LP311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
DIFFERENTIAL COMPARATOR WITH STROBES
LM111 TI-LM111 Datasheet
506Kb / 25P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211P TI1-LM211P Datasheet
1Mb / 31P
DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
DIFFERENTIAL COMPARATOR WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com