Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP339N
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP339N Datasheet(HTML) 1 Page - Texas Instruments

  LP339N Datasheet HTML 1Page - Texas Instruments LP339N Datasheet HTML 2Page - Texas Instruments LP339N Datasheet HTML 3Page - Texas Instruments LP339N Datasheet HTML 4Page - Texas Instruments LP339N Datasheet HTML 5Page - Texas Instruments LP339N Datasheet HTML 6Page - Texas Instruments LP339N Datasheet HTML 7Page - Texas Instruments LP339N Datasheet HTML 8Page - Texas Instruments LP339N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The LP239 is obsolete
and is no longer supplied.
LP239, LP339, LP2901
LOW POWER QUAD DIFFERENTIAL COMPARATORS
SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Supply-Voltage Range ...3 V to 30 V
D Ultralow Power Supply Current
Drain ...60
µA Typ
D Low Input Biasing Current ...3 nA
D Low Input Offset Current . . . ±0.5 nA
D Low Input Offset Voltage . . . ±2 mV
D Common-Mode Input Voltage Includes
Ground
D Output Voltage Compatible With MOS and
CMOS Logic
D High Output Sink-Current Capability
(30 mA at VO = 2V)
D Power Supply Input Reverse-Voltage
Protected
D Single-Power-Supply Operation
D Pin-for-Pin Compatible With LM239, LM339,
LM2901
description/ordering information
The LP239, LP339, LP2901 are low-power quadruple differential comparators. Each device consists of four
independent voltage comparators designed specifically to operate from a single power supply and typically to
draw 60-
µA drain current over a wide range of voltages. Operation from split power supplies also is possible
and the ultra-low power-supply drain current is independent of the power-supply voltage.
Applications include limit comparators, simple analog-to-digital converters, pulse generators, squarewave
generators, time-delay generators, voltage-controlled oscillators, multivibrators, and high-voltage logic gates.
The LP239, LP339, LP2901 were designed specifically to interface with the CMOS logic family. The ultra-low
power-supply current makes these products desirable in battery-powered applications.
The LP239 is characterized for operation from −25
°C to 85°C. The LP339 is characterized for operation from
0
°C to 70°C. The LP2901 is characterized for operation from −40°C to 85°C.
ORDERING INFORMATION
TA
VIOMAX
AT 25
°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
LP339N
LP339N
0
°C to 70°C
±5 mV
SOIC (D)
Tube of 50
LP339D
LP339
0 C to 70 C
±5 mV
SOIC (D)
Reel of 2500
LP339DR
LP339
PDIP (N)
Tube of 25
LP2901N
LP2901N
−40
°C to 85°C
±5 mV
SOIC (D)
Tube of 50
LP2901D
LP2901
−40 C to 85 C
5 mV
SOIC (D)
Reel of 2500
LP2901DR
LP2901
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN −
2IN +
1IN −
1IN +
3OUT
4OUT
GND
4IN +
4IN −
3IN +
3IN −
D OR N PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - LP339N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339N NSC-LP339N Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Texas Instruments
LP339N TI1-LP339N Datasheet
826Kb / 14P
Wide Supply-Voltage Range 3 V to 30 V
LP339N TI2-LP339N Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
LP339N.A TI2-LP339N.A Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
LP339N/NOPB TI1-LP339N/NOPB Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
More results

Similar Description - LP339N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
Quad Differential Comparators
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
36V Low Power Dual/Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com