Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP339N
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP339N Datasheet(HTML) 2 Page - Texas Instruments

  LP339N Datasheet HTML 1Page - Texas Instruments LP339N Datasheet HTML 2Page - Texas Instruments LP339N Datasheet HTML 3Page - Texas Instruments LP339N Datasheet HTML 4Page - Texas Instruments LP339N Datasheet HTML 5Page - Texas Instruments LP339N Datasheet HTML 6Page - Texas Instruments LP339N Datasheet HTML 7Page - Texas Instruments LP339N Datasheet HTML 8Page - Texas Instruments LP339N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The LP239 is obsolete
and is no longer supplied.
LP239, LP339, LP2901
LOW POWER QUAD DIFFERENTIAL COMPARATORS
SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic diagram (each comparator)
5
µA
IN+
IN−
GND
OUT
6
µA
0.2
µA
VCC
0.2
µA
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (either input)
−0.3 V to 36 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, VI ≤ −0.3 V (see Note 3)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of output short-circuit to ground (see Note 4)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation (see Note 5)
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: LP239
−25
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP339
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP2901
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 6 and 7): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature range 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
. . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages, are with respect to the network ground.
2. Differential voltages are at IN+ with respect to IN −.
3. This input current only exists when the voltage at any of the inputs is driven negative. The current flows through the collector-base
junction of the input clamping device. In addition to the clamping device action, there is lateral n-p-n parasitic transistor action. This
action is not destructive, and normal output states are reestablished when the input voltage returns to a value more positive than
− 0.3 V at TA = 25°C.
4. Short circuits between outputs to VCC can cause excessive heating and eventual destruction.
5. If the output transistors are allowed to saturate, the low-bias dissipation and the on-off characteristics of the outputs keep the
dissipation very small (usually less than 100 mW).
6. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
7. The package thermal impedance is calculated in accordance with JESD 51-7.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
J
1025 mW
8.2 mW/
°C
656 mW
533 mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com