Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP339DR
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP339DR Datasheet(HTML) 4 Page - Texas Instruments

  LP339DR Datasheet HTML 1Page - Texas Instruments LP339DR Datasheet HTML 2Page - Texas Instruments LP339DR Datasheet HTML 3Page - Texas Instruments LP339DR Datasheet HTML 4Page - Texas Instruments LP339DR Datasheet HTML 5Page - Texas Instruments LP339DR Datasheet HTML 6Page - Texas Instruments LP339DR Datasheet HTML 7Page - Texas Instruments LP339DR Datasheet HTML 8Page - Texas Instruments LP339DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
The LP239 is obsolete
and is no longer supplied.
LP239, LP339, LP2901
LOW POWER QUAD DIFFERENTIAL COMPARATORS
SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 1 shows the basic configuration for using the LP239, LP339, or LP2901 comparator. Figure 2 shows the
diagram for using one of these comparators as a CMOS driver.
Figure 1. Basic Comparator
IN +
IN −
OUT
30 k
+
VCC
1/4 LP239, LP339,
or LP2901
Figure 2. CMOS Driver
IN +
IN −
100 k
1/4 LP239, LP339,
or LP2901
1/4 SN54/74LS00 or
1/4 SN54/74ALS1000A
VCC
+
12
3
OUT
All pins of any unused comparators should be grounded. The bias network of the LP239, LP339, and LP2901
establishes a drain current that is independent of the magnitude of the power-supply voltage over the range of
2 V to 30 V. It usually is necessary to use a bypass capacitor across the power supply line.
The differential input voltage may be larger than VCC without damaging the device. Protection should be
provided to prevent the input voltages from going negative by more than −0.3 V. The output section has two
distinct modes of operation: a Darlington mode and ground-emitter mode. This unique drive circuit permits the
device to sink 30 mA at VO = 2 V in the Darlington mode and 700 µA at VO = 0.4 V in the ground-emitter mode.
Figure 3 is a simplified schematic diagram of the output section. The output section is configured in a Darlington
connection (ignoring Q3). If the output voltage is held high enough (above 1 V), Q1 is not saturated and the
output current is limited only by the product of the hFE of Q1, the hFE of Q2, and I1 and the 60-Ω saturation
resistance of Q2. The devices are capable of driving LEDs, relays, etc. in this mode while maintaining an
ultra-low power-supply current of 60
µA, typically.
VCC
VO
Q2
Q1
Q3
I1 = 6
µA
Figure 3. Output-Section Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com