Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP339DR
Description  LOW-POWER QUAD DIFFERENTIAL COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP339DR Datasheet(HTML) 5 Page - Texas Instruments

  LP339DR Datasheet HTML 1Page - Texas Instruments LP339DR Datasheet HTML 2Page - Texas Instruments LP339DR Datasheet HTML 3Page - Texas Instruments LP339DR Datasheet HTML 4Page - Texas Instruments LP339DR Datasheet HTML 5Page - Texas Instruments LP339DR Datasheet HTML 6Page - Texas Instruments LP339DR Datasheet HTML 7Page - Texas Instruments LP339DR Datasheet HTML 8Page - Texas Instruments LP339DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
The LP239 is obsolete
and is no longer supplied.
LP239, LP339, LP2901
LOW POWER QUAD DIFFERENTIAL COMPARATORS
SLCS004B − OCTOBER 1987 − REVISED SEPTEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Without transistor Q3, if the output voltage were allowed to drop below 0.8 V, transistor Q1 would saturate, and
the output current would drop to zero. The circuit would be unable to pull low current loads down to ground or
the negative supply, if used. Transistor Q3 has been included to bypass transistor Q1 under these conditions
and apply the current I1 directly to the base of Q2. The output sink current now is approximately I1 times the
hFE of Q2 (700 µA at VO = 0.4 V). The output of the devices exhibits a bimodal characteristic, with a smooth
transition between modes.
In both cases, the output is an uncommitted collector. Several outputs can be tied together to provide a dot logic
function. An output pullup resistor can be connected to any available power-supply voltage within the permitted
power-supply range, and there is no restriction on this voltage, based on the magnitude of the voltage that is
supplied to VCC of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com