Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV358 Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV358
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV358 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV358 Datasheet HTML 2Page - Texas Instruments LPV358 Datasheet HTML 3Page - Texas Instruments LPV358 Datasheet HTML 4Page - Texas Instruments LPV358 Datasheet HTML 5Page - Texas Instruments LPV358 Datasheet HTML 6Page - Texas Instruments LPV358 Datasheet HTML 7Page - Texas Instruments LPV358 Datasheet HTML 8Page - Texas Instruments LPV358 Datasheet HTML 9Page - Texas Instruments LPV358 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5-V electrical characteristics
TA = 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = 2 V, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP†
MAX
UNIT
25
°C
1.5
7
VIO
Input offset voltage
−40
°C to 85°C
10
mV
VIO
Input offset voltage
−40
°C to 125°C
11
mV
αVIO
Average temperature
coefficient of
input offset voltage
25
°C
4
mV/°C
25
°C
2
50
IIB
Input bias current
−40
°C to 85°C
60
nA
IIB
Input bias current
−40
°C to 125°C
65
nA
CMRR
Common-mode
rejection ratio
0
≤ VIC ≤ 4 V
25
°C
50
71
dB
kSVR
Supply-voltage
rejection ratio
2.7 V
≤ VCC+ ≤ 5 V,
VIC = 1 V, VO = 1 V
25
°C
50
65
dB
VICR
Common-mode
input voltage range
CMRR
≥ 50 dB
25
°C
0 to 4
−0.2 to 4.2
V
25
°C
0.6
40
IIO
Input offset current
−40
°C to 85°C
50
nA
IIO
Input offset current
−40
°C to 125°C
55
nA
High
25
°C
VCC+ − 0.100 VCC+ − 0.0035
High
level
−40
°C to 85°C
VCC+ − 0.200
VO
Output swing
RL = 100 kΩ to 2.5 V
level
−40
°C to 125°C VCC+ − 0.225
V
VO
Output swing
RL = 100 kΩ to 2.5 V
Low
25
°C
0.090
0.180
V
Low
level
−40
°C to 85°C
0.220
level
−40
°C to 125°C
0.240
IOS
Output short-circuit
Sourcing, VO = 0 V
25
°C
2
17
mA
IOS
Output short-circuit
current
Sinking, VO = 5 V
25
°C
20
72
mA
25
°C
9
12
LPV321
−40
°C to 85°C
15
LPV321
−40
°C to 125°C
40
25
°C
15
20
ICC
Supply current
LPV358 (both amplifiers)
−40
°C to 85°C
24
mA
ICC
Supply current
LPV358 (both amplifiers)
−40
°C to 125°C
80
mA
25
°C
28
42
LPV324 (all four amplifiers)
−40
°C to 85°C
46
LPV324 (all four amplifiers)
−40
°C to 125°C
125
Large-signal
25
°C
15
100
AV‡
Large-signal
voltage gain
RL = 100 kΩ
−40
°C to 85°C
10
V/mV
AV‡
voltage gain
RL = 100 kΩ
−40
°C to 125°C
10
V/mV
SR§
Slew rate
25
°C
0.1
V/
ms
† All typical values are at VCC = 5 V, TA = 25°C.
‡ RL is connected to VCC−. The output voltage is 0.5 V ≤ VO ≤ 4.5 V.
§ Number specified is the slower of the positive and negative slew rates. Connected as a voltage follower with 3-V step input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com