Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV358 Datasheet(PDF) 2 Page - Texas Instruments

Part # LPV358
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV358 Datasheet(HTML) 2 Page - Texas Instruments

  LPV358 Datasheet HTML 1Page - Texas Instruments LPV358 Datasheet HTML 2Page - Texas Instruments LPV358 Datasheet HTML 3Page - Texas Instruments LPV358 Datasheet HTML 4Page - Texas Instruments LPV358 Datasheet HTML 5Page - Texas Instruments LPV358 Datasheet HTML 6Page - Texas Instruments LPV358 Datasheet HTML 7Page - Texas Instruments LPV358 Datasheet HTML 8Page - Texas Instruments LPV358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433I − FEBRUARY 2004 − REVISED MARCH 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOT23-5 (DBV)
Reel of 3000
LPV321DBVR
5C7_
Single
SOT23-5 (DBV)
Reel of 250
LPV321DBVT
PREVIEW
Single
SC-70 (DCK)
Reel of 3000
LPV321DCKR
52_
SC-70 (DCK)
Reel of 250
LPV321DCKT
PREVIEW
SOIC-8 (D)
Tube of 75
LPV358D
PV358
SOIC-8 (D)
Reel of 2500
LPV358DR
PV358
−40
°C to 85°C
Dual
VSSOP-8 (DDU)
Reel of 3000
LPV358DDUR
5A56
−40 C to 85 C
Dual
VSSOP-8 (DGK)
Reel of 2500
LPV358DGKR
546
VSSOP-8 (DGK)
Reel of 250
LPV358DGKT
PREVIEW
SOIC-14 (D)
Tube of 50
LPV324D
LPV324
Quad
SOIC-14 (D)
Reel of 2500
LPV324DR
LPV324
Quad
TSSOP-14 (PW)
Tube of 90
LPV324PW
PV324
TSSOP-14 (PW)
Reel of 2000
LPV324PWR
PV324
SOT23-5 (DBV)
Reel of 3000
LPV321IDBVR
5C1_
Single
SOT23-5 (DBV)
Reel of 250
LPV321IDBVT
PREVIEW
Single
SC-70 (DCK)
Reel of 3000
LPV321IDCKR
53_
SC-70 (DCK)
Reel of 250
LPV321IDCKT
PREVIEW
SOIC-8 (D)
Tube of 75
LPV358ID
PV358I
SOIC-8 (D)
Reel of 2500
LPV358IDR
PV358I
−40
°C to 125°C
Dual
VSSOP-8 (DDU)
Reel of 3000
LPV358IDDUR
5AE6
−40 C to 125 C
Dual
VSSOP-8 (DGK)
Reel of 2500
LPV358IDGKR
556
VSSOP-8 (DGK)
Reel of 250
LPV358IDGKT
PREVIEW
SOIC-14 (D)
Tube of 50
LPV324ID
LPV324I
Quad
SOIC-14 (D)
Reel of 2500
LPV324IDR
LPV324I
Quad
TSSOP-14 (PW)
Tube of 90
LPV324IPW
PV324I
TSSOP-14 (PW)
Reel of 2000
LPV324IPWR
PV324I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
symbol (each amplifier)
IN−
IN+
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com