Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25355 Datasheet(PDF) 13 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 13 Page - EPCOS

Back Button B25355 Datasheet HTML 9Page - EPCOS B25355 Datasheet HTML 10Page - EPCOS B25355 Datasheet HTML 11Page - EPCOS B25355 Datasheet HTML 12Page - EPCOS B25355 Datasheet HTML 13Page - EPCOS B25355 Datasheet HTML 14Page - EPCOS B25355 Datasheet HTML 15Page - EPCOS B25355 Datasheet HTML 16Page - EPCOS B25355 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
76
Siemens Matsushita Components
Dimensional drawing 4
Tab connectors 6,3 mm
Dimensions in mm
*) 8 mm = threaded bolt M8
12 mm = threaded bolt M12
dI
I1 +1
*)
e
± 1 Creepage
distance
Clearance
L
35
57
8
17
10
5,7
35
86
8
17
10
5,7
40
57
8
21
10
9
40
86
8
21
10
9
45
86
8
21
10
9
50
86
12
21
10
9
KLK1422-5
Tab connector
L
e
A 6,3 x 0,8
DIN 46 244
+0,5
–0,2
+1
–2
Dimensional drawing 3
Screw-clamping terminals
Dimensions in mm
dI –4
∅ d
1
Creepage
distance
Clearance
99,3 –1,2 248
95,2–0,4 12,7
9,6
121,6 –1,5 248 116,2–0,6 12,7
9,6
Mounting parts (included in delivery)
Threaded bolt
Max. torque
Toothed washer
Hex nut
M8
4 Nm
J 8,2 DIN 6797
M8
ISO 4035
M12
10 Nm
J 12,5 DIN 6797
M12 ISO 4035 (plastic
nut upon request)
KLK0748-C
120˚
ød1
M12
Connecting washer
B5 DIN 46288
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com