Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B25355 Datasheet(PDF) 21 Page - EPCOS

Part # B25355
Description  MP DC Capacitors Smoothing, Supporting, Discharge
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25355 Datasheet(HTML) 21 Page - EPCOS

Back Button B25355 Datasheet HTML 17Page - EPCOS B25355 Datasheet HTML 18Page - EPCOS B25355 Datasheet HTML 19Page - EPCOS B25355 Datasheet HTML 20Page - EPCOS B25355 Datasheet HTML 21Page - EPCOS B25355 Datasheet HTML 22Page - EPCOS B25355 Datasheet HTML 23Page - EPCOS B25355 Datasheet HTML 24Page - EPCOS B25355 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
84
Siemens Matsushita Components
40
µF / 1600 Vdc
Ordering code: B25355-L1406-K001
Characteristics
CN, tol.
40
µF ± 10 %
UN(co)
DC 1600 V
UN(sto)
DC 2000 V
Ui
AC 1450 V
Imax
20 A
Lself
180 nH
tan
δ
0
50 · 10–4
RS
8,3 m
Ω
Maximum ratings
û
2000 V
us
2400 V
î
4kA
Is
10 kA
(d
u/dt)max
100 V/
µs
(d
u/dt)s
250 V/
µs
Test data
UTT
DC 2400 V, 10 s
UTC
AC 3900 V, 10 s
Ris · C
≥ 5000 s
tan
δ (120 Hz) ≤ 57 · 10–4
Climatic data
Θ
min
– 40
°C
Θ
max
+ 70
°C
Humidity
Average relative humidity
≤ 95 %
α
FQ(co)
300/109 h
α
FQ(sto)
3000/109 h
tLD(co)
100000 h
tLD(sto)
10000 h
Θ
stg
– 55 to + 85
°C
IEC climatic category: 40/070/56
(IEC 68-1 and 2)
Θ
test
+ 40
°C
Rel. humidity 93 %
ttest
56 days
∆C/C
≤ 1%
∆ tan δ≤ 10 · 10–4
Ris · C
≥ 5000 s
Design data
Dimensions
∅× l
79,2 mm
× 176 mm
Approx. weight
1000 g
Impregnation
Oil
Fixing
Threaded bolt M12
Mounting hole
14 mm
Max. torque
10 Nm
Terminals
Tab connector 6,3 mm
Terminal
cross section
4 mm2
Creepage distance
20 mm
Clearance
15 mm
Overpressure disconnector
KLK1448-Y
Tab connector
M12
35±2
A 6,3 x 0,8
DIN 46 244
15 min.
ø75,2 0,4
_
B 25 355
Smoothing, Supporting, Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com