Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REF200
Description  DUAL CURRENT SOURCE/CURRENT SINK
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF200 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  REF200_07 Datasheet HTML 1Page - Burr-Brown (TI) REF200_07 Datasheet HTML 2Page - Burr-Brown (TI) REF200_07 Datasheet HTML 3Page - Burr-Brown (TI) REF200_07 Datasheet HTML 4Page - Burr-Brown (TI) REF200_07 Datasheet HTML 5Page - Burr-Brown (TI) REF200_07 Datasheet HTML 6Page - Burr-Brown (TI) REF200_07 Datasheet HTML 7Page - Burr-Brown (TI) REF200_07 Datasheet HTML 8Page - Burr-Brown (TI) REF200_07 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© 1988 Burr-Brown Corporation
PDS-851D
Printed in U.S.A. October, 1993
FEATURES
q COMPLETELY FLOATING:
No Power Supply or Ground Connections
q HIGH ACCURACY: 100
µA ±0.5%
q LOW TEMPERATURE COEFFICIENT:
±25ppm/°C
q WIDE VOLTAGE COMPLIANCE:
2.5V to 40V
q ALSO INCLUDES CURRENT MIRROR
APPLICATIONS
q SENSOR EXCITATION
q BIASING CIRCUITRY
q OFFSETTING CURRENT LOOPS
q LOW VOLTAGE REFERENCES
q CHARGE-PUMP CIRCUITRY
q HYBRID MICROCIRCUITS
REF200
DUAL CURRENT SOURCE/CURRENT SINK
DESCRIPTION
The REF200 combines three circuit building-blocks
on a single monolithic chip—two 100
µA current
sources and a current mirror. The sections are
dielectrically isolated, making them completely
independent. Also, since the current sources are two-
terminal devices, they can be used equally well as
current sinks. The performance of each section is
individually measured and laser-trimmed to achieve
high accuracy at low cost.
The sections can be pin-strapped for currents of 50
µA,
100
µA, 200µA, 300µA or 400µA. External circuitry
can be used to obtain virtually any current. These and
many other circuit techniques are shown in the
Applications section of this Data Sheet.
The REF200 is available in plastic 8-pin mini-DIP
and SOIC packages.
I
High
I
High
Substrate
Mirror
In
I
Low
I
Low
Mirror
Out
Mirror
Common
1
2
1
2
8765
1234
100µA
100µA
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
REF200
REF200
SBVS020


Similar Part No. - REF200_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200AP BURR-BROWN-REF200AP Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200AP TI1-REF200AP Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
Burr-Brown (TI)
REF200AU BURR-BROWN-REF200AU Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Texas Instruments
REF200AU TI1-REF200AU Datasheet
1Mb / 34P
Dual Current Source and Current Sink
REF200AU/2K5 TI1-REF200AU/2K5 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
More results

Similar Description - REF200_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
DUAL CURRENT SOURCE/CURRENT SINK
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
DS4412 MAXIM-DS4412_08 Datasheet
147Kb / 10P
Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 1; 10/08
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
logo
Texas Instruments
REF200 TI-REF200_15 Datasheet
1Mb / 34P
REF200 Dual Current Source and Current Sink
REF200 TI1-REF200 Datasheet
1Mb / 34P
Dual Current Source and Current Sink
logo
Maxim Integrated Produc...
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
7A Sink/3A Source Current
Rev 1; 1/15
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com