Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1H-R Datasheet(PDF) 1 Page - Visual Communications Company

Part # A1H-R
Description  Neon Indicator Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

A1H-R Datasheet(HTML) 1 Page - Visual Communications Company

  A1H-R Datasheet HTML 1Page - Visual Communications Company A1H-R Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Neon Indicator Lamps
135
135
90
90
V D C
95
95
65
65
V A C
B r e a kdown V oltage
Ma ximum
1. 2
1. 2
0. 3
0. 3
mA
C urre nt
Design
Numbe r
Old R e f.
A1 H -R
A1 H
A1 G -R
A1 G
135
135
135
135
95
95
95
95
1. 9
1. 9
1. 2
1. 2
NE -84
K 1 A 5-R
K 1 A 5
K 1 B 1 -R
K 1 B 1
135
135
90
90
95
95
65
65
1. 9
1. 9
0. 7
0. 7
NE -2J
NE -2D
C 9 A -R
C 9 A
135
135
95
95
1. 2
1. 2
G 9 B -R
G 9 B
C 7 A -R
C 7 A
Numbe r
C onfiguration
T - 2 Midge t Fla nge B a s e
P a r t
3. Tinned leads.
4. High brightness.
5. Formed tip.
6. Dark effect reduced.
7. Lamp drops througha Ø.310"
cylinder of .500" minimum length.
resistances are utilized, life will be
approximately the same.
2. For DC operation of high brightness lamps
use a minimum of 150 circuit volts.
Maximum initial breakdown voltage 95 VAC,
135 VDC in light.
90
90
65
65
0. 7
0. 7
K 1 C 5-R
K 1 C 5
T - 2 T e l ephone S lide B a s e
135
135
135
135
95
95
95
95
1. 2
1. 2
1. 2
1. 2
NE -51G
AR -51G R
NE -51H R
NE -51H
B 2 G -R
B 2 G
B 2 A -R
B 2 A
90
90
65
65
0. 3
0. 3
NE -51
NE -51R
B 1 A -R
B 1 A
T - 3 1/4 Minia tur e B a yone t B a s e
A
B
C
B
A
A
B
Footnotes
1. Life value is to approximately 50% of initial
light output. Values shown apply to use on
AC unless otherwise shown. Life on DC is
approximately 60% of AC values when DC
current is equal to RMS AC value. When
equal DC and RMS AC voltages and equal


Similar Description - A1H-R

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
Non-Relampable Neon Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
Neon-Incandescent Indicator Lights
2150A CML-2150A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
logo
Elektron Components Ltd...
0145AA BULGIN-0145AA Datasheet
85Kb / 2P
Neon Indicatiors (Neon, LED and Filament Lamps)
logo
Visual Communications C...
1050QA VCC-1050QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2150QA VCC-2150QA Datasheet
64Kb / 1P
Non-Relampable Neon Indicator Lights
2AA VCC-2AA Datasheet
40Kb / 1P
Neon Circuit Component Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com