Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX20921 Datasheet(PDF) 30 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 30 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 26Page - Synaptics Incorporated. CX20921 Datasheet HTML 27Page - Synaptics Incorporated. CX20921 Datasheet HTML 28Page - Synaptics Incorporated. CX20921 Datasheet HTML 29Page - Synaptics Incorporated. CX20921 Datasheet HTML 30Page - Synaptics Incorporated. CX20921 Datasheet HTML 31Page - Synaptics Incorporated. CX20921 Datasheet HTML 32Page - Synaptics Incorporated. CX20921 Datasheet HTML 33Page - Synaptics Incorporated. CX20921 Datasheet HTML 34Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
CX20921 AudioSmart Data Sheet
Integrated Interchip Sound (I2S)
Conexant Confidential
03/11/15
001DSR01
24
Left-Justified Mode
Left-justified timing uses the WS clock to define when the data being transmitted is for the left channel or
the right channel. The WS is high for the left channel, and low for the right channel (requires the WS
polarity control bit to be set to 1). A bit clock running at a minimum of 2 x sample width x sample frequency
is used to clock the data. The first data bit appears on the data lines at the same time WS toggles. The
data is written MSB first, and is valid on the rising edge of bit clock. When the programmed sample width is
taken, any remaining bits are ignored. If the WS toggles before the full word length is read, the remaining
bits are zeroed.
Figure 13: Left-Justified Timing Diagram
Right-Justified Mode
Right-justified timing uses the WS clock to define whether the data is being transmitted for the left channel
or right channel. The WS is high for the left channel, and low for the right channel (requires the WS polarity
control bit to be set to 1). A bit clock running at a minimum of 2 x sample width x sample frequency is used
to clock the data. Data is captured in a 24-bit shift register until the WS toggles. When the WS toggles the
last 24 bits, 16 bits or 8 bits are transferred to the channel indicated by the previous state of WS. In right-
justified mode, the LSB of data is always clocked by the last bit clock before the WS transitions. The data
is written MSB first and is valid on the rising edge of bit clock. All leading bits are ignored.
Figure 14: Right-Justified Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com