Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX20921 Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # CX20921
Description  CX20921 Far Field Voice Input Processor SoC AudioSmart
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20921 Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button CX20921 Datasheet HTML 17Page - Synaptics Incorporated. CX20921 Datasheet HTML 18Page - Synaptics Incorporated. CX20921 Datasheet HTML 19Page - Synaptics Incorporated. CX20921 Datasheet HTML 20Page - Synaptics Incorporated. CX20921 Datasheet HTML 21Page - Synaptics Incorporated. CX20921 Datasheet HTML 22Page - Synaptics Incorporated. CX20921 Datasheet HTML 23Page - Synaptics Incorporated. CX20921 Datasheet HTML 24Page - Synaptics Incorporated. CX20921 Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
CX20921 AudioSmart Data Sheet
Reset (Active Low)
Conexant Confidential
03/11/15
001DSR01
15
Reset (Active Low)
During initial power-up, the external reset should be held low for a minimum of 100ms to allow all power
supplies to become stable and for the internal crystal to stabilize. Refer to the customer reference
schematic for Resistor-Capacitor (RC) circuit values and connections.
Serial Peripheral Interface (SPI) Master
The CX20921 offers an SPI master interface that is intended to interface with SPI slave devices, such as
serial flash. The SPI block consists of a TX and an RX First In, First Out (FIFO) that is 8x32 bits with
several registers for control and status. The SPI interface accommodates various controls for clock
polarity, a phase shift of the clock, and slave select polarity.
The SPI clock is derived from the PLL_SPI_CLK and can be programmed by a field in the control register.
Two slave selection signals are available to allow use of two different SPI peripherals (SS0, SS1).
Note:
The SPI_SS1 is multiplexed with UART_CTS, DMIC_DATA, and I2S_TX_DATA_2.
Figure 4: SPI Transmit Timing
Table 6: SPI Interface Signals
Signal Name
I/O
Def
Function
SPI_CLK
O
NA
Maximum of 50MHz.
SPI_MI
I
NA
Master serial data IN.
SPI_MO
O
NA
Master serial data OUT.
SPI_SS0
O
NA
Chip select 0.
SPI_SS1
O
NA
Chip select 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com