Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2334PCBA Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2334PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334PCBA Datasheet(HTML) 6 Page - RF Micro Devices

  RF2334PCBA Datasheet HTML 1Page - RF Micro Devices RF2334PCBA Datasheet HTML 2Page - RF Micro Devices RF2334PCBA Datasheet HTML 3Page - RF Micro Devices RF2334PCBA Datasheet HTML 4Page - RF Micro Devices RF2334PCBA Datasheet HTML 5Page - RF Micro Devices RF2334PCBA Datasheet HTML 6Page - RF Micro Devices RF2334PCBA Datasheet HTML 7Page - RF Micro Devices RF2334PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-276
RF2334
Rev A10 030415
Reverse Isolation versus Frequency Across
Temperature, ICC = 65 mA
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
0.10
0.69
1.28
1.87
2.46
3.05
3.64
4.23
4.82
5.41
6.00
Frequency (GHz)
-40°C
26°C
85°C
Current versus Voltage at Evaluation Board Connector,
RBIAS = 22 Ω
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
5.6
5.8
6.0
6.2
6.4
6.6
6.8
VCC (V)
-40C
25C
85C
Current versus Voltage
(At Pin 5)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4.6
4.7
4.8
4.9
5.0
5.1
5.2
VPIN (V)
-40C
25C
85C
Vcc=6.3V
Power Dissipated versus Voltage at Pin 5
(TAMBIENT = +85°C)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
4.64
4.66
4.68
4.70
4.72
4.74
4.76
4.78
VPIN (V)
Junction Temperature versus Power Dissipated
(TAMBIENT = +85°C)
120.00
130.00
140.00
150.00
160.00
170.00
180.00
190.00
200.00
210.00
220.00
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
Power Dissipated (W)
MTTF versus Junction Temperature
(60% Confidence Interval)
10
100
1000
10000
100000
1000000
100
125
150
175
200
Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com