Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2334PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2334PCBA
Description  GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2334PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF2334PCBA Datasheet HTML 1Page - RF Micro Devices RF2334PCBA Datasheet HTML 2Page - RF Micro Devices RF2334PCBA Datasheet HTML 3Page - RF Micro Devices RF2334PCBA Datasheet HTML 4Page - RF Micro Devices RF2334PCBA Datasheet HTML 5Page - RF Micro Devices RF2334PCBA Datasheet HTML 6Page - RF Micro Devices RF2334PCBA Datasheet HTML 7Page - RF Micro Devices RF2334PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-271
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
5
4
RF OUT
GND
GND
GND
RF IN
RF2334
GENERAL PURPOSE AMPLIFIER
• Broadband, Low Noise Gain Blocks
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Final PA for Low Power Applications
• Broadband Test Equipment
The RF2334 is a general purpose, low-cost RF amplifier
IC. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as an easily-cas-
cadable 50
Ω gain block. Applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 4000MHz.
The device is self-contained with 50
Ω input and output
impedances and requires only two external DC biasing
elements to operate as specified. The RF2334 is avail-
able in a very small industry-standard SOT23-5 surface
mount package, enabling compact designs which con-
serve board space.
• DC to 6000MHz Operation
• Internally matched Input and Output
• 16dB Small Signal Gain
• 5dB Noise Figure
• +18.5dBm Output Power
• Single Positive Power Supply
RF2334
General Purpose Amplifier
RF2334 PCBA
Fully Assembled Evaluation Board
0
Rev A10 030415
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT23-5


Similar Part No. - RF2334PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2334PCBA RFMD-RF2334PCBA Datasheet
40Kb / 4P
GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2334PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
KSD-T6O038-001 KODENSHI-KSD-T6O038-001 Datasheet
345Kb / 6P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com