Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080 Datasheet(PDF) 7 Page - Texas Instruments

Part # TL080
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL080_06 Datasheet HTML 3Page - Texas Instruments TL080_06 Datasheet HTML 4Page - Texas Instruments TL080_06 Datasheet HTML 5Page - Texas Instruments TL080_06 Datasheet HTML 6Page - Texas Instruments TL080_06 Datasheet HTML 7Page - Texas Instruments TL080_06 Datasheet HTML 8Page - Texas Instruments TL080_06 Datasheet HTML 9Page - Texas Instruments TL080_06 Datasheet HTML 10Page - Texas Instruments TL080_06 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL080
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS368 – JUNE 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
1
TA – Free-Air Temperature – °C
1000
2
4
10
20
40
100
200
400
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
VO = ±10 V
RL = 2 kΩ
–75
–50
–25
0
25
50
75
100
125
Figure 12
0
°
45
°
180
°
135
°
90
°
1
f – Frequency – Hz
106
101
102
103
104
105
Phase Shift
(right scale)
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
Differential
Voltage
Amplification
(left scale)
100
1 k
10 k
100 k
1 M
10 M
10
1
VCC
± = ±5 V to ±15 V
RL = 2 kΩ
TA = 25°C
Figure 13
VCC
± = ±15 V
C2 = 3 pF
TA = 25°C
See Figure 3
105
104
103
102
10
1 M
100 k
10 k
1 k
106
10 M
f – Frequency – Hz
1
100
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY WITH FEED-FORWARD COMPENSATION
Figure 14
–75
0
TA – Free-Air Temperature – °C
125
2.0
– 50
– 25
0
25
50
75
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCC
± = ±15 V
No Signal
No Load
SUPPLY CURRENT PER AMPLIFIER
vs
FREE-AIR TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com