Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL080 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL080
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL080 Datasheet(HTML) 1 Page - Texas Instruments

  TL080_06 Datasheet HTML 1Page - Texas Instruments TL080_06 Datasheet HTML 2Page - Texas Instruments TL080_06 Datasheet HTML 3Page - Texas Instruments TL080_06 Datasheet HTML 4Page - Texas Instruments TL080_06 Datasheet HTML 5Page - Texas Instruments TL080_06 Datasheet HTML 6Page - Texas Instruments TL080_06 Datasheet HTML 7Page - Texas Instruments TL080_06 Datasheet HTML 8Page - Texas Instruments TL080_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TL080
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS368 – JUNE 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Power Consumption
D Wide Common-Mode and Differential
Voltage Ranges
D Low Input Bias and Offset Currents
D Output Short-Circuit Protection
D Low Total Harmonic
Distortion . . . 0.003% Typ
D High Input Impedance . . . JFET Input Stage
D External Frequency Compensation
D Common-Mode Input Voltage Range
Includes VCC+
D Latch-Up-Free Operation
D High Slew Rate . . . 13 V/µs Typ
description
The TL080 JFET-input operational amplifier incorporates well-matched, high-voltage JFET and bipolar
transistors in an integrated circuit. This device features high slew rates, low input bias and offset currents, and
a low offset-voltage temperature coefficient. Offset adjustment and external-compensation options are
available.
The TL080C is characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
PLASTIC
DIP
(P)
0
°C to 70°C
10 mV
TL080CP
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
N1/COMP
IN–
IN+
VCC
COMP
VCC+
OUT
OFFSET N2
P PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL080_06

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL08030AV TRANSKO-TL08030AV Datasheet
565Kb / 4P
80.0 MHz IF SAW Filter / 31.54 MHz Bandwidth
Revision 0: 10 Feb. 2009
More results

Similar Description - TL080_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF411 TI-LF411 Datasheet
172Kb / 7P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LF13741 NSC-LF13741 Datasheet
323Kb / 12P
MONOLITHIC JFET INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL070 TI-TL070_06 Datasheet
299Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
JFET-INPUT OPERATIONAL AMPLIFIER
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
JFET-Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com