Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9545ADGVT Datasheet(PDF) 7 Page - Texas Instruments

Part # PCA9545ADGVT
Description  4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9545ADGVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9545ADGVT Datasheet HTML 3Page - Texas Instruments PCA9545ADGVT Datasheet HTML 4Page - Texas Instruments PCA9545ADGVT Datasheet HTML 5Page - Texas Instruments PCA9545ADGVT Datasheet HTML 6Page - Texas Instruments PCA9545ADGVT Datasheet HTML 7Page - Texas Instruments PCA9545ADGVT Datasheet HTML 8Page - Texas Instruments PCA9545ADGVT Datasheet HTML 9Page - Texas Instruments PCA9545ADGVT Datasheet HTML 10Page - Texas Instruments PCA9545ADGVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
RESET Input
Power-On Reset
Voltage Translation
2
Maximum
Typical
Minimum
VCC (V)
4.5
4
3.5
3
2.5
5
5.5
1
5
4.5
4
3.5
3
2.5
2
1.5
I2C Interface
PCA9545A
4-CHANNEL I2C AND SMBus SWITCH
WITH INTERRUPT LOGIC AND RESET FUNCTIONS
SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006
The RESET input can be used to recover the PCA9545A from a bus-fault condition. The registers and the I2C
state machine within this device initialize to their default states if this signal is asserted low for a minimum of tWL.
All channels also are deselected in this case. RESET must be connected to VCC through a pullup resistor.
When power is applied to VCC, an internal power-on reset holds the PCA9545A in a reset condition until VCC has
reached VPOR. At this point, the reset condition is released and the PCA9545A registers and I
2C state machine
are initialized to their default states, all zeroes, causing all the channels to be deselected. Thereafter, VCC must
be lowered below 0.2 V to reset the device.
The pass-gate transistors of the PCA9545A are constructed such that the VCC voltage can be used to limit the
maximum voltage that is passed from one I2C bus to another.
Figure 3 shows the voltage characteristics of the pass-gate transistors (note that the graph was generated using
data specified in the electrical characteristics section of this data sheet). In order for the PCA9545A to act as a
voltage translator, the Vpass voltage must be equal to or lower than the lowest bus voltage. For example, if the
main bus is running at 5 V and the downstream buses are 3.3 V and 2.7 V, Vpass must be equal to or below 2.7
V to effectively clamp the downstream bus voltages. As shown in Figure 3, Vpass (max) is at 2.7 V when the
PCA9545A supply voltage is 3.5 V or lower, so the PCA9545A supply voltage could be set to 3.3 V. Pullup
resistors then can be used to bring the bus voltages to their appropriate levels (see Figure 13).
Figure 3. Vpass Voltage vs VCC
The I2C bus is for two-way two-line communication between different ICs or modules. The two lines are a serial
data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pullup
resistor when connected to the output stages of a device. Data transfer can be initiated only when the bus is not
busy.
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the high
period of the clock pulse, as changes in the data line at this time are interpreted as control signals (see
Figure 4).
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com