Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9545ADGVT Datasheet(PDF) 16 Page - Texas Instruments

Part # PCA9545ADGVT
Description  4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9545ADGVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCA9545ADGVT Datasheet HTML 12Page - Texas Instruments PCA9545ADGVT Datasheet HTML 13Page - Texas Instruments PCA9545ADGVT Datasheet HTML 14Page - Texas Instruments PCA9545ADGVT Datasheet HTML 15Page - Texas Instruments PCA9545ADGVT Datasheet HTML 16Page - Texas Instruments PCA9545ADGVT Datasheet HTML 17Page - Texas Instruments PCA9545ADGVT Datasheet HTML 18Page - Texas Instruments PCA9545ADGVT Datasheet HTML 19Page - Texas Instruments PCA9545ADGVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
PCA9545A
SD1
SDA
SCL
SDA
Channel 0
Channel 1
Channel 2
Channel 3
See Note A
I2C/SMBus
Master
SCL
INT
RESET
INT1
SC1
SD2
SC2
SD3
SC3
INT2
INT3
SD0
INT0
SC0
VCC = 2.7 V to 5.5 V
VCC = 3.3 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
See Note A
See Note A
See Note A
19
18
17
3
20
5
6
4
8
9
7
12
13
11
15
16
14
2
1
10
A1
A0
GND
PCA9545A
4-CHANNEL I2C AND SMBus SWITCH
WITH INTERRUPT LOGIC AND RESET FUNCTIONS
SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006
Figure 13 shows an application in which the PCA9545A can be used.
A.
If the device generating the interrupt has an open-drain output structure or can be 3-stated, a pullup resistor is
required. If the device generating the interrupt has a totem-pole output structure and cannot be 3-stated, a pullup
resistor is not required. The interrupt inputs should not be left floating.
B.
Pin numbers shown are for DGV, DW, PW, and RGY packages.
Figure 13. Typical Application
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com