Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HS Datasheet(PDF) 4 Page - Analog Devices

Part # REF02HS
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HS Datasheet(HTML) 4 Page - Analog Devices

  REF02HS Datasheet HTML 1Page - Analog Devices REF02HS Datasheet HTML 2Page - Analog Devices REF02HS Datasheet HTML 3Page - Analog Devices REF02HS Datasheet HTML 4Page - Analog Devices REF02HS Datasheet HTML 5Page - Analog Devices REF02HS Datasheet HTML 6Page - Analog Devices REF02HS Datasheet HTML 7Page - Analog Devices REF02HS Datasheet HTML 8Page - Analog Devices REF02HS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REF02
Rev. I | Page 4 of 16
@ VIN = 15 V, −55°C ≤ TA ≤ +125°C for REF02A and REF02; 0°C ≤ TA ≤ 70°C for REF02E and REF02H; IL = 0 mA, unless otherwise
noted.
Table 2.
REF02A/REF02E
REF02/REF02H
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
0°C ≤ TA ≤ 70°C
0.02
0.06
0.07
0.17
%
Output Voltage Change
with Temperature1, 2
∆VOT
−55°C ≤ TA ≤ +125°C
0.06
0.15
0.18
0.45
%
Output Voltage Temperature Coefficient3
TCVO
3
8.5
10
25
ppm/°C
Change in VO Temperature Coefficient
with Output Adjustment
RP = 10 kΩ
0.7
0.7
ppm/%
0°C ≤ TA ≤ 70°C
0.007
0.012
0.007
0.012
%/V
Line Regulation
VIN = 8 V to 40 V4
−55°C ≤ TA ≤ +125°C
0.009
0.015
0.009
0.015
%/V
0°C ≤ TA ≤ 70°C
0.006
0.010
0.007
0.012
%/mA
Load Regulation
IL = 0 mA to 8 mA4
−55°C ≤ TA ≤ +125°C
0.007
0.012
0.009
0.015
%/mA
TCVT
2.10
2.10
mV/°C
Temperature Voltage Output Temperature
Coefficient5
883C Product
P, S, J, and Z Packages
1.96
1.96
mV/°C
1 ΔVOT is defined as the absolute difference between the maximum output voltage and the minimum output voltage over the specified temperature range expressed
as a percentage of 5 V.
100
V
5
×
−
=
∆
MIN
MAX
OT
V
V
V
2
∆VOT specification applies trimmed to 5,000 V or untrimmed.
3 TCVO is defined as
∆VOT divided by the temperature range.
C
70
°
∆
=
OT
O
V
TCV
4 Line and load regulation specifications include the effect of self-heating.
5 Limit current in or out of Pin 3 to 50 nA and capacitance on Pin 3 to 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com