Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF02HS Datasheet(PDF) 5 Page - Analog Devices

Part # REF02HS
Description  5 V Precision Voltage Reference/Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02HS Datasheet(HTML) 5 Page - Analog Devices

  REF02HS Datasheet HTML 1Page - Analog Devices REF02HS Datasheet HTML 2Page - Analog Devices REF02HS Datasheet HTML 3Page - Analog Devices REF02HS Datasheet HTML 4Page - Analog Devices REF02HS Datasheet HTML 5Page - Analog Devices REF02HS Datasheet HTML 6Page - Analog Devices REF02HS Datasheet HTML 7Page - Analog Devices REF02HS Datasheet HTML 8Page - Analog Devices REF02HS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REF02
Rev. I | Page 5 of 16
@ VIN = 15 V, TA = 25°C, unless otherwise noted.
Table 3.
REF02C
REF02D
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage
VO
IL = 0 mA
4.950
5.000
5.050
4.900
5.000
5.100
V
Output Adjustment Range
∆VTRIM
RP = 10 kΩ
±2.7
±6.0
±2.0
±6.0
%
Output Voltage Noise1
en p-p
0.1 Hz to 10 Hz
P, Z, and S Packages
15
µV p-p
J Package
20
15
µV p-p
883 Parts
12
18
20
µV p-p
Line Regulation2
VIN = 8 V to 40 V
0.009
0.015
0.010
0.04
%/V
IL = 0 mA to 8 mA
0.006
0.015
%/mA
Load Regulation2
IL = 0 mA to 4 mA
0.015
0.04
%/mA
Turn-On Settling Time1
tON
To ±0.1% of final value
5
5
µs
Quiescent Supply Current
ISY
No load
1.0
1.6
1.0
2.0
mA
Load Current
IL
8
8
mA
Sink Current3
IS
−0.3
−0.5
−0.3
−0.5
mA
Short-Circuit Current
ISC
VO = 0
30
30
mA
Temperature Voltage Output4
883C Product
VT
630
630
mV
P, S, J, and Z Packages
VT
550
550
mV
1 Guaranteed by design.
2 Line and load regulation specifications include the effect of self-heating.
3 During sink current test, the device meets the output voltage specified.
4 Limit current in or out of Pin 3 to 50 nA and capacitance on Pin 3 to 30 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com