Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-276G Datasheet(PDF) 3 Page - Tyco Electronics

Part # SW-276G
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276G Datasheet(HTML) 3 Page - Tyco Electronics

  SW-276G Datasheet HTML 1Page - Tyco Electronics SW-276G Datasheet HTML 2Page - Tyco Electronics SW-276G Datasheet HTML 3Page - Tyco Electronics SW-276G Datasheet HTML 4Page - Tyco Electronics SW-276G Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
High Power GaAs SPDT Switch
DC - 3.0 GHz
SW-276
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
3
RoHS
Compliant
Two Tone IP3 Measurements
Bias Voltage
Input Power
for each tone
(dBm)
3rd Order
Intermodulation
Products (dBc)
IP3 (dBm)
Second Harmonic
(dBc)
0, -5 V
+27
-34
+44
-61
0, -6 V
+27
-49
+51
-61
0, -7 V
+27
-64
+59
-63
0, -8 V
+27
-65
+59
-63
0, -5 V
+28
-30
+43
-58
0, -6 V
+28
-41
+48
-58
0, -7 V
+28
-52
+54
-57
0, -8 V
+28
-60
+58
-57
0, -5 V
+29
-28
+43
-54
0, -6 V
+29
-34
+46
-54
0, -7 V
+29
-44
+51
-54
0, -8 V
+29
-52
+55
-54
0, -5 V
+30
-26
+43
-52
0, -6 V
+30
-32
+46
-51
0, -7 V
+30
-38
+49
-51
0, -8 V
+30
-44
+52
-51
Lead-Free CR-2 Package
†
Lead-Free CR-2 w/ Gull Wing Package
†
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com