Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-276G Datasheet(PDF) 4 Page - Tyco Electronics

Part # SW-276G
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276G Datasheet(HTML) 4 Page - Tyco Electronics

  SW-276G Datasheet HTML 1Page - Tyco Electronics SW-276G Datasheet HTML 2Page - Tyco Electronics SW-276G Datasheet HTML 3Page - Tyco Electronics SW-276G Datasheet HTML 4Page - Tyco Electronics SW-276G Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
High Power GaAs SPDT Switch
DC - 3.0 GHz
SW-276
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
4
RoHS
Compliant
Typical Performance Curves
Compression vs. Control Voltage at 900 MHz
Insertion Loss vs. Frequency
Isolation vs. Frequency
VSWR vs. Frequency
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
+25°C
-55°C
+85°C
Frequency (GHz)
0
10
20
30
40
50
60
70
80
0.00.5
1.01.5
2.02.5
3.0
Frequency (GHz)
1.0
1.2
1.4
1.6
1.8
2.0
0.00.5
1.01.5
2.02.5
3.0
Frequency (GHz)
10
15
20
25
30
35
40
-10
-9
-8
-7
-6
-5
-4
-3
-2
P0.1dB
P1dB
Control Voltage (Volts)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com